Electronic Components Datasheet Search
  English  ▼

X  

AD9862BST Datasheet(PDF) 13 Page - Analog Devices

Part # AD9862BST
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9862BST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9862BST Datasheet HTML 9Page - Analog Devices AD9862BST Datasheet HTML 10Page - Analog Devices AD9862BST Datasheet HTML 11Page - Analog Devices AD9862BST Datasheet HTML 12Page - Analog Devices AD9862BST Datasheet HTML 13Page - Analog Devices AD9862BST Datasheet HTML 14Page - Analog Devices AD9862BST Datasheet HTML 15Page - Analog Devices AD9862BST Datasheet HTML 16Page - Analog Devices AD9862BST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. 0
AD9860/AD9862
–13–
REGISTER BIT DEFINITIONS
REGISTER 0: GENERAL
BIT 7: SDIO BiDir (Bidirectional)
Default setting is low, which indicates SPI serial port uses dedi-
cated input and output lines (i.e., 4-wire interface), SDIO and
SDO Pins, respectively. Setting this bit high configures the
serial port to use the SDIO Pin as a bidirectional data pin.
BIT 6: LSB First
Default setting is low, which indicates MSB first SPI Port Access
Mode. Setting this bit high configures the SPI port access to
LSB first mode.
BIT 5: Soft Reset
Writing a high to this register resets all the registers to their
default values and forces the DLL to relock to the input clock.
The Soft Reset Bit is a one shot register and is cleared immediately
after the register write is completed.
REGISTER 1: Rx PWRDWN
BIT 7: VREF, diff (Power-Down)
Setting this bit high will power down the ADC’s differential
references (i.e., REFT and REFB).
BIT 6: VREF (Power-Down)
Setting this register bit high will power down the ADC reference
circuit (i.e., VREF).
BIT 5: Rx Digital (Power-Down)
Setting this bit high will power down the digital section of the
receive path of the chip. Typically, any unused digital blocks are
automatically powered down.
BIT 4/3: Rx Channel B/Rx Channel A (Power-Down)
Either ADC or both ADCs can be powered down by setting the
appropriate register bit high. The entire Rx channel is powered
down, including the differential references, input buffer, and the
internal digital block. The bandgap reference remains active for
quick recovery.
BIT 2/1: Buffer B/Buffer A (Power-Down)
Setting either of these bits high will power down the input buffer
circuits for the respective channel. The input buffer should be
powered down when bypassed. By default, these bits are low and
the input buffers are enabled.
BIT 0: All Rx (Power-Down)
Setting this bit high powers down all circuits related to the
receive path.
REGISTER 2/3: Rx A/Rx B
BIT 7: Bypass Buffer A/Bypass Buffer B
Setting either of these bits high will bypass the respective input buf-
fer circuit. When the buffer is bypassed, the input signal is routed
directly to the switched capacitor SHA input of the RxPGA. When
operating with buffer bypassed, it should be powered down.
BIT 0–4: RxPGA A/RxPGA B
These 5-bit straight binary registers (Bit 0 is the LSB, Bit 4 is the
MSB) provide control for the programmable gain amplifiers in
the dual receive paths. A 0 dB to 20 dB gain range is accom-
plished through a switched capacitor network with fast settling
of a few clock cycles. The step size is approximately 1 dB. The
register default setting is minimum gain or hex00. The maximum
setting for these registers is hex14.
REGISTER 4: Rx MISC
BIT 2: HS (High Speed) Duty Cycle
Setting this bit high optimizes duty cycle of the internal ADC
sampling clock. It is recommended that this bit be set high in
high speed applications when clock duty cycle affects noise and
distortion performance the most. This bit should be set high in
conjunction with Clk Dut Enable register bit.
BIT 1: Shared Ref
Setting this bit high forces the dual receive ADCs into a mode
to share their differential references to provide superior gain
matching. When this option is enabled, the REFT of Channel A
and Channel B should be connected together off-chip and the
REFB of both channels should be connected.
BIT 0: Clk Duty
Setting this bit high enables an on-chip duty cycle stabilizer (DCS)
circuit to generate the internal clock for the Rx block. This option
is useful for adjusting for high speed input clocks with skewed
duty cycle. The DCS Mode can be used with ADC sampling
frequencies over 40 MHz.
REGISTER 5: Rx I/F (INTERFACE)
BIT 4: Three-state
Setting this bit high will force both Rx data output buses, including
the RxSYNC Pin, into a three-state mode.
BIT 3: Rx Retime
The Rx path can use either of the clock outputs, CLKOUT1 or
CLKOUT2, to latch the Rx output data. Since CLKOUT1 and
CLKOUT2 have slight phase offsets, this provides some timing
flexibility with the interface. By default, this bit is low and the
Rx output latches use CLKOUT1. Setting this bit will force the
Rx output latches to use CLKOUT2.
BIT 2: Twos Complement
Default data format for the Rx data is straight binary. Setting this
bit high will generate two’s complement data.
BIT 1: Inv RxSync
When the receive data is multiplexed onto one data port (i.e., Mux
Mode Enabled), the RxSYNC Pin can be used to decode which
channel generated the current output data at the active port.
Default condition is that RxSYNC is high when Channel A is at
the output and is low when Channel B is at the output. Setting
this bit high reverses this synchronization.
BIT 0: Mux Out
Setting this bit high enables the Rx Mux Mode. Default setting
is low, which is Dual Port Mode, (i.e., non Rx Mux Mode). When in
Rx Mux Mode, both Rx channels share the same output data bus,
pins D0A to D9A (for AD9860) or D0A to D11A (for AD9862).
The other Rx output bus (pins D0B to D9B or D0B to D11B)
outputs a low logic.
REGISTER 6: Rx Digital
BIT 3: 2 Channel
Setting this bit low disables the Rx B output data port (pins D0B
to D9B or D11B), forcing the output pins to zero. By default, the
bit is high and both data paths are active.
BIT 2: Keep –ve
This bit selects whether the receive Hilbert filter will filter positive
or negative frequencies, assuming the filter is enabled. By default
this bit is low, which passes positive frequencies. Setting this bit
high will configure the filter to pass negative frequencies.
BIT 1: Hilbert
This bit enables or disables the Hilbert filter in the receive path.
By default, this bit is low, which disables the receive Hilbert filter.
Setting this bit high enables the receive Hilbert filter.
BIT 0: Decimate
This register enables or disables the decimation filters. By default,
the register setting is low and the decimation filter is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com