Electronic Components Datasheet Search
  English  ▼

X  

AD9862BST Datasheet(PDF) 29 Page - Analog Devices

Part # AD9862BST
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9862BST Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9862BST Datasheet HTML 24Page - Analog Devices AD9862BST Datasheet HTML 25Page - Analog Devices AD9862BST Datasheet HTML 26Page - Analog Devices AD9862BST Datasheet HTML 27Page - Analog Devices AD9862BST Datasheet HTML 28Page - Analog Devices AD9862BST Datasheet HTML 29Page - Analog Devices AD9862BST Datasheet HTML 30Page - Analog Devices AD9862BST Datasheet HTML 31Page - Analog Devices AD9862BST Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
REV. 0
AD9860/AD9862
–29–
Table IV. Normal Operation Mode Master Timing Guide
2
C
D
A
L
L
D
t
l
u
M
C
D
A
k
c
o
l
C
e
t
a
R
e
t
a
R
a
t
a
D
C
D
A
1
)
S
P
S
M
(
C
A
D
e
t
a
d
p
U
e
t
a
R
e
t
a
R
a
t
a
D
C
A
D
l
a
u
D
2
)
S
P
S
M
(
1
T
U
O
K
L
C2
T2
U
O
K
L
C
e
d
o
M
X
U
M
-
n
o
Ne
de
o
M
X
U
i
c
e
D
o
N
2
y
b
i
c
e
D
i
c
e
D
o
N2
y
b
i
c
e
D
1
p
r
e
t
n
I
2
p
r
e
t
n
I
4
p
r
e
t
n
I
L
E
S
K
L
C
w
o
L
=
L
E
S
K
L
C
h
g
i
H
=
V
I
D
K
L
C
1
=
V
I
D
K
L
C
2
⁄
1
=
V
I
D
K
L
C
4
⁄
1
=
0
1
N
I
K
L
CN
I
K
L
CN
I
K
L
C
2
2
N
I
K
L
C
N
I
K
L
C
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
N
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
2
N
I
K
L
C
4
0
2
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
N
I
K
L
C
2
0
4
4
N
I
K
L
C
8
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
1
1
N
I
K
L
C
2
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
8
1
2
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
2
N
I
K
L
C
4
1
4
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
N
I
K
L
C
2
M
NOTES
1100 MHz rate max.
2 Single DAC data rate = 1⁄2 dual DAC data rate.
Table V. Alternative Operation Mode Master Timing Guide
2
C
D
A
L
L
D
t
l
u
M
C
D
A
k
c
o
l
C
e
t
a
R
e
t
a
R
a
t
a
D
C
D
A
1
)
S
P
S
M
(
C
A
D
e
t
a
d
p
U
e
t
a
R
e
t
a
R
a
t
a
D
C
A
D
l
a
u
D
2
)
S
P
S
M
(
1
T
U
O
K
L
C2
T2
U
O
K
L
C
e
d
o
M
X
U
M
-
n
o
N
)
s
e
s
u
b
o
w
t
(
e
d
o
M
X
U
M
)
s
u
b
e
n
o
(
i
c
e
D
o
N2
y
b
i
c
e
Di
c
e
D
o
N2
y
b
i
c
e
D
1
p
r
e
t
n
I
2
p
r
e
t
n
I
4
p
r
e
t
n
I
L
E
S
K
L
C
w
o
L
=
L
E
S
K
L
C
h
g
i
H
=
V
I
D
K
L
C
1
=
V
I
D
K
L
C
2
⁄
1
=
V
I
D
K
L
C
4
⁄
1
=
01
N
I
K
L
CN
I
K
L
CN
I
K
L
C
2
2
N
I
K
L
C
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
4
02
2
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
N
I
K
L
C
2
04
4
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
8
N
I
K
L
C
4
N
I
K
L
C
4
N
I
K
L
C
8
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
11
N
I
K
L
C
2
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
4
12
N
I
K
L
CN
I
K
L
C
N
I
K
L
C
2
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
CN
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
N
I
K
L
C
2
14
2
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
8
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
4
N
I
K
L
C
2
N
I
K
L
C
N
I
K
L
C
NOTES
1100 MHz rate max.
2 Single DAC data rate = 1⁄2 dual DAC data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com