Electronic Components Datasheet Search
  English  ▼

X  

AD9862BST Datasheet(PDF) 27 Page - Analog Devices

Part # AD9862BST
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9862BST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9862BST Datasheet HTML 23Page - Analog Devices AD9862BST Datasheet HTML 24Page - Analog Devices AD9862BST Datasheet HTML 25Page - Analog Devices AD9862BST Datasheet HTML 26Page - Analog Devices AD9862BST Datasheet HTML 27Page - Analog Devices AD9862BST Datasheet HTML 28Page - Analog Devices AD9862BST Datasheet HTML 29Page - Analog Devices AD9862BST Datasheet HTML 30Page - Analog Devices AD9862BST Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
REV. 0
AD9860/AD9862
–27–
Tx Path (Normal Operation)
The DAC update rate, the Tx input data rate, and the rate of
CLKOUT2 (clock used to latch Tx input data) are the parameters
of interest for the transmit path data. These parameters, in addition
to the output signal bandwidth, are related to CLKIN by the settings
of the ADC Div2, the DLL multiplier, the CLKOUT2 Div, the
two edges, and the interpolation registers.
The Tx data is timed relative to the CLKOUT2 pin (unless it is
retimed relative to CLKOUT1 by setting Tx Retime register) and
the input Tx data is latched on either each rising edge, each
falling edge or both edges (controlled through the Inverse Sample
and two edges registers). The timing diagrams for these cases
are shown in Figure 12.
The Dual Tx data is multiplexed onto a single bus so that fewer
digital bits are necessary to transfer data. Throughout this discus-
sion of Tx path timing, Tx digital processing options other than
interpolation are ignored because they do not change data timing;
Tx data timing reflects whether single or dual channel data is
latched into the AD9860/AD9862.
The rates of CLKOUT2 (and the input data rate) are related
to CLKIN by the DLL Multiplier Register, the setting of the
CLKOUT2 Divide Factor Register and the register ADC Div2.
These relationships are shown in Table II.
Table II. CLKOUT2 Timing Relative to CLKIN
for Normal Operation Mode
DLL
CLKOUT2
CLK DIV2
Mult
Div Factor
CLKOUT2
1
CLKIN
1
2CLKIN/2
4CLKIN/4
12 CLKIN
No Div
2
2
CLKIN
4CLKIN/2
14 CLKIN
4
22 CLKIN
4
CLKIN
1CLKIN/2
1
2CLKIN/4
4CLKIN/8
1
CLKIN
Div by 2
2
2CLKIN/2
4CLKIN/4
12 CLKIN
4
2
CLKIN
4CLKIN/2
ADC
DATA MUX
AND
LATCH
DATA LATCH
AND
DEMUX
NO DECIMATION,
2
DECIMATE:
REG D6 B0
MUX OUT: REG D5 B0
Rx RETIME: REG D5 B3
2 DATA PATHS: REG D19 B4
Q/I ORDER: REG D18 B5
Tx RETIME: REG D18 B6
NO INTERP, 2, 4
INTERPOLATION:
REG D19 B0, 1
INV
NO INVERSION, INVERT
INV1: REG D25 B1
INV
DIV
1 , 1/2 , 1/4
NO INVERSION, INVERT
INV2: REG D25 B5
CLKOUT2 DIV FACTOR:
REG 25 B6, 7
DAC
CLKIN
Rx DATA
[0:23]
CLKOUT1
CLKOUT2
Tx DATA
[0:13]
DLL MULTIPLIER:
REG D24 B3, 4
DLL
1 , 2 , 4
DIV
1 , 1/2
CLKSEL
1 , 1/2
ADC DIV2:
REG D24 B5
DIV
CLOCK PATH
DATA PATH
Figure 13. Alternative Operation Timing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com