Electronic Components Datasheet Search
  English  ▼

X  

AD9862BST Datasheet(PDF) 3 Page - Analog Devices

Part # AD9862BST
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9862BST Datasheet(HTML) 3 Page - Analog Devices

  AD9862BST Datasheet HTML 1Page - Analog Devices AD9862BST Datasheet HTML 2Page - Analog Devices AD9862BST Datasheet HTML 3Page - Analog Devices AD9862BST Datasheet HTML 4Page - Analog Devices AD9862BST Datasheet HTML 5Page - Analog Devices AD9862BST Datasheet HTML 6Page - Analog Devices AD9862BST Datasheet HTML 7Page - Analog Devices AD9862BST Datasheet HTML 8Page - Analog Devices AD9862BST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. 0
AD9860/AD9862
–3–
Test
AD9860/AD9862
Rx PARAMETERS (continued)
Temp
Level
Min
Typ
Max
Unit
DC ACCURACY
Differential Nonlinearity
25ºC
III
±0.3/±0.4
LSB
Integral Nonlinearity
25ºC
III
±1.2/±5
LSB
Offset Error
25ºC
III
±0.1
%FSR
Gain Error
25ºC
III
±0.2
%FSR
Aperture Delay
25ºC
III
2.0
ns
Aperture Uncertainty (Jitter)
25ºC
III
1.2
ps rms
Input Referred Noise
25ºC
III
250
µV
Reference Voltage Error
REFT-REFB Error (1 V)
25ºCI
±1
±4mV
AD9860 DYNAMIC PERFORMANCE (AIN = –0.5 dBFS, f = 5 MHz)
Signal-to-Noise Ratio
25
∞CI
59.0
60.66
dBc
Signal-to-Noise and Distortion Ratio
25
∞CI
56.0
58.0
dBc
Total Harmonic Distortion
25
∞CI
–76.5
–70.5
dBc
Spurious Free Dynamic Range
25
∞CI
70.3
81.0
dBc
AD9862 DYNAMIC PERFORMANCE (AIN = –0.5 dBFS, f = 5 MHz)
Signal-to-Noise Ratio
25
∞CI
62.6
64.2
dBc
Signal-to-Noise and Distortion Ratio
25
∞CI
62.5
64.14
dBc
Total Harmonic Distortion
25
∞CI
–79.22
–73.2
dBc
Spurious Free Dynamic Range
25
∞CI
77.09
85.13
dBc
CHANNEL-TO-CHANNEL ISOLATION
Tx-to-Rx (AOUT = 0 dBFS, fOUT = 7 MHz)
25ºC
III
>90
dB
Rx Channel Crosstalk (f1 = 6 MHz, f2 = 9 MHz)
25ºC
III
>80
dB
PARAMETERS
CMOS LOGIC INPUTS
Logic “1” Voltage, VIH
25ºCII
DRVDD – 0.7
V
Logic “0” Voltage, VIL
25ºCII
0.4
V
Logic “1” Current
25ºCII
12
µA
Logic “0” Current
25ºCII
12
µA
Input Capacitance
25ºC
III
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic “1” Voltage, VOH
25ºCII
DRVDD – 0.6
V
Logic “0” Voltage, VOL
25ºCII
0.4
V
POWER SUPPLY
Analog Supply Currents
Tx (Both Channels, 20 mA FS Output)
25ºCI
70
76
mA
Tx Powered Down
25ºCI
2.5
5.0
mA
Rx (Both Channels, Input Buffer Enabled)
25ºCI
275
307
mA
Rx (Both Channels, Input Buffer Disabled)
25ºC
III
245
mA
Rx (32 MSPS, Low Power Mode, Buffer Disabled)
25ºC
III
155
mA
Rx (16 MSPS, Low Power Mode, Buffer Disabled)
25ºC
III
80
mA
Rx Path Powered Down
25ºCI
5.0
6.0
mA
DLL
25ºC
III
12
mA
Digital Supply Current
AD9860 Both Rx and Tx Path (All Channels Enabled)
2
Interpolation, fDAC = fADC = 64 MSPS
25ºCI
92
112
mA
AD9862 Both Rx and Tx Path (All Channels Enabled)
2
Interpolation, fDAC = fADC = 64 MSPS
25ºCI
104
124
mA
Tx Path (fDAC = 128 MSPS)
Processing Blocks Disabled
25ºC
III
45
mA
4
Interpolation
25ºC
III
90
mA
4
Interpolation, Coarse Modulation
25ºC
III
110
mA
4
Interpolation, Fine Modulation
25ºC
III
110
mA
4
Interpolation, Coarse and Fine Modulation
25ºC
III
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com