Electronic Components Datasheet Search
  English  ▼

X  

HW Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # HW
Description  HW Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

HW Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  HW Datasheet HTML 1Page - Sharma Electro Components,Inc HW Datasheet HTML 2Page - Sharma Electro Components,Inc HW Datasheet HTML 3Page - Sharma Electro Components,Inc HW Datasheet HTML 4Page - Sharma Electro Components,Inc HW Datasheet HTML 5Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HW Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
10~100 VDC
160~450 VDC
Operating Temperature Range
-40 ~ +105℃
-25 ~ +105℃
WV
10
16
25
35
50
63
80 100 160 180 200 250 315 350 400 450
Surge Voltage (V) (20℃)
SV
13
20
32
44
63
79
100 125 200 225 250 300 365 400 450 500
I≦0.02CV or 3mA whichever is smaller
(After rated voltage applied for 5 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
Dissipation Factor(tanδ)shall not exceed the values showed in the table of standard rating
After applying rated voltage for 2000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
Frequency coefficient
Freq. (Hz)
50
60
120
400
1K
2.4K
5K
10K~100K
Coefficient
0.80
0.85
1.00
1.14
1.23
1.30
1.36
1.40
Temperature coefficient
Ambient Temperature (℃)
40
45
50
55
60
65
70
75
80
85
105
Coefficient
2.73
2.60
2.47
2.33
2.18
2.02
1.85
1.65
1.44
1.18
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,2000hrs
• Wide temperature range
for TW
• Snap-in terminal
• Large ripple current
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Smoothing circuit
• Adapter
• SMPS
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - HW

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
RZ600 MURATA-PS-RZ600 Datasheet
289Kb / 18P
AVR600: RZ600 HW Manual
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
HW-130 Programmer
logo
STMicroelectronics
STM32L431XX STMICROELECTRONICS-STM32L431XX Datasheet
2Mb / 200P
RTC with HW calendar, alarms and calibration
31-May-2016
logo
PHOENIX CONTACT
2821054 PHOENIX-2821054 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-HW 24/21
2827401 PHOENIX-2827401 Datasheet
69Kb / 4P
Relay connectors - ST-REL7-HW 60/4X21
2322029 PHOENIX-2322029 Datasheet
55Kb / 3P
Front adapters - FLKM-PA-D37/HW/C300
2900622 PHOENIX-2900622 Datasheet
55Kb / 3P
Front adapters - FLKM-PA-D37/HW/AN/C300
2901423 PHOENIX-2901423 Datasheet
53Kb / 3P
Front adapters - FLKM-PA-D37/HW/DIO/C300
2905321 PHOENIX-2905321 Datasheet
59Kb / 4P
Front adapters - FLKM-PA-D37/HW/AID4/C300
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
HW User Guide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com