Electronic Components Datasheet Search
  English  ▼

X  

HW Datasheet(PDF) 4 Page - Sharma Electro Components,Inc

Part # HW
Description  HW Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

HW Datasheet(HTML) 4 Page - Sharma Electro Components,Inc

  HW Datasheet HTML 1Page - Sharma Electro Components,Inc HW Datasheet HTML 2Page - Sharma Electro Components,Inc HW Datasheet HTML 3Page - Sharma Electro Components,Inc HW Datasheet HTML 4Page - Sharma Electro Components,Inc HW Datasheet HTML 5Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CASE SIZE (ψDxL(mm)) / MAX DISSIPATION FACTOR (tanä / 120Hz,20℃) / MAX PERMISSIBLE RIPPLE CURRENT
(RC(Arms) / 120Hz,105℃)/ MAX EQUIVALENT SERIES RESISTANCE(ESR(Ω) / 120Hz,20℃)
WV
160
180
ψDxL
ψDxL
SPEC
μF
RC
tanδ
ESR
RC
tanδ
ESR
22x25
22x25
270
0.85
0.15
0.737
0.85
0.15
0.737
22x30
22x30
330
1.00
0.15
0.603
1.10
0.15
0.603
22x30
25x25
22x35
25x25
390
1.15
1.15
0.15
0.510
1.32
1.25
0.15
0.510
22x35
25x30
22x40
25x30
470
1.30
1.30
0.15
0.423
1.47
1.40
0.15
0.423
22x40
25x30
30x25
22x45
25x35
30x25
560
1.57
1.50
1.54
0.15
0.355
1.70
1.63
1.60
0.15
0.355
22x45
25x35
30x30
22x50
25x40
30x30
35x25
680
1.75
1.70
1.77
0.15
0.293
1.87
1.82
1.80
1.84
0.15
0.293
22x50
25x40
30x30
35x25
25x45
30x35
35x30
820
2.03
1.97
1.95
1.99
0.15
0.243
2.05
2.05
2.11
0.15
0.243
25x45
30x35
35x30
25x50
30x40
35x30
1000
2.15
2.15
2.21
0.15
0.199
2.27
2.29
2.25
0.15
0.199
30x40
35x35
30x45
35x35
1200
2.45
2.52
0.15
0.166
2.57
2.55
0.15
0.166
30x50
35x40
35x40
1500
2.75
2.75
0.15
0.133
2.85
0.15
0.133
35x45
35x50
1800
3.00
0.15
0.111
3.10
0.15
0.111
35x50
2200
3.50
0.15
0.090
WV
200
250
ψDxL
ψDxL
SPEC
μF
RC
tanδ
ESR
RC
tanδ
ESR
22x25
150
0.75
0.15
1.33
22x30
180
0.85
0.15
1.11
22x25
22x30
25x25
220
0.85
0.15
0.905
1.00
1.00
0.15
0.905
22x30
22x35
25x25
270
1.00
0.15
0.737
1.22
1.15
0.15
0.737
22x30
25x25
22x40
25x30
330
1.15
1.15
0.15
0.603
1.36
1.30
0.15
0.603
22x35
25x30
22x45
25x35
30x25
35x25
390
1.30
1.30
0.15
0.510
1.54
1.48
1.45
1.59
0.15
0.510
22x40
25x35
30x25
22x50
25x40
30x30
35x30
470
1.52
1.54
1.49
0.15
0.423
1.78
1.75
1.72
1.88
0.15
0.423
22x45
25x35
30x30
25x40
30x35
35x30
560
1.70
1.65
1.72
0.15
0.355
1.80
1.89
1.94
0.15
0.355
25x45
30x35
35x30
25x50
30x40
35x35
680
1.97
1.97
2.02
0.15
0.293
2.10
2.10
2.18
0.15
0.293
25x50
30x35
35x30
30x45
35x40
820
2.20
2.10
2.16
0.15
0.243
2.30
2.39
0.15
0.243
30x45
35x35
30x50
35x45
1000
2.32
2.30
0.15
0.199
2.55
2.65
0.15
0.199
30x50
35x40
35x50
1200
2.75
2.75
0.15
0.166
2.90
0.15
0.166
35x45
1500
2.90
0.15
0.133
Case Size / Max Ripple Current / tanδ / ESR
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com