Electronic Components Datasheet Search
  English  ▼

X  

HW Datasheet(PDF) 3 Page - Sharma Electro Components,Inc

Part # HW
Description  HW Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

HW Datasheet(HTML) 3 Page - Sharma Electro Components,Inc

  HW Datasheet HTML 1Page - Sharma Electro Components,Inc HW Datasheet HTML 2Page - Sharma Electro Components,Inc HW Datasheet HTML 3Page - Sharma Electro Components,Inc HW Datasheet HTML 4Page - Sharma Electro Components,Inc HW Datasheet HTML 5Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CASE SIZE (ψDxL(mm)) / MAX DISSIPATION FACTOR (tanδ/ 120Hz,20℃) / MAX PERMISSIBLE RIPPLE CURRENT
(RC(Arms) / 120Hz,105℃) / MAX EQUIVALENT SERIES RESISTANCE(ESR(Ω) / 120Hz,20℃)
WV
50
63
ψDxL
ψDxL
SPEC
μF
RC
tanδ
ESR
RC
tanδ
ESR
22x25
1200
1.25
0.25
0.276
22x25
22x30
25x25
1500
1.25
0.30
0.265
1.45
1.45
0.25
0.221
22x30
22x35
25x30
1800
1.45
0.30
0.221
1.60
1.60
0.25
0.184
22x30
25x25
22x40
25x30
30x25
2200
1.60
1.60
0.30
0.181
1.89
1.80
1.85
0.25
0.151
22x35
25x30
22x45
25x35
30x30
2700
1.80
1.80
0.30
0.147
2.06
2.00
2.08
0.25
0.123
22x40
25x30
30x25
25x40
30x30
35x25
3300
2.05
1.95
2.01
0.30
0.121
2.32
2.30
2.35
0.25
0.101
22x45
25x35
30x30
25x45
30x35
35x30
3900
2.27
2.20
2.29
0.30
0.102
2.55
2.55
2.63
0.25
0.085
22x50
25x40
30x30
35x25
25x50
30x40
35x30
4700
2.50
2.42
2.40
2.45
0.30
0.085
2.83
2.86
2.80
0.25
0.071
25x45
30x35
35x30
30x45
35x35
5600
2.70
2.70
2.78
0.30
0.071
3.18
3.15
0.25
0.059
30x40
35x30
30x50
35x40
6800
3.06
3.00
0.30
0.059
3.50
3.50
0.25
0.048
30x45
35x35
35x45
8200
3.38
3.35
0.30
0.049
3.90
0.25
0.040
35x40
10000
3.70
0.30
0.040
35x50
12000
4.20
0.30
0.033
WV
80
100
ψDxL
ψDxL
SPEC
μF
RC
tanδ
ESR
RC
tanδ
ESR
22x25
560
1.20
0.2
0.474
22x30
680
1.35
0.2
0.390
22x25
22x30
25x25
820
1.20
0.2
0.324
1.50
1.50
0.2
0.324
22x30
22x35
25x30
1000
1.35
0.2
0.265
1.70
1.70
0.2
0.265
22x35
25x25
22x40
25x35
30x25
1200
1.59
1.50
0.2
0.221
1.97
1.99
1.95
0.2
0.221
22x40
25x30
30x25
22x45
25x40
30x30
35x25
1500
1.78
1.70
1.75
0.2
0.177
2.15
2.19
2.15
2.21
0.2
0.177
22x45
25x35
30x30
25x45
30x35
35x30
1800
2.01
1.95
2.03
0.2
0.147
2.45
2.45
2.52
0.2
0.147
25x40
30x30
35x25
25x50
30x40
35x35
2200
2.17
2.15
2.19
0.2
0.121
2.75
2.75
2.86
0.2
0.121
25x45
30x35
35x30
30x45
35x35
2700
2.45
2.45
2.52
0.2
0.098
3.08
3.05
0.2
0.098
30x40
35x35
30x50
35x40
3300
2.75
2.83
0.2
0.080
3.45
3.45
0.2
0.080
30x45
35x35
35x45
3900
3.13
3.10
0.2
0.068
3.90
0.2
0.068
35x40
35x50
4700
3.40
0.2
0.056
4.30
0.2
0.056
35x50
5600
3.80
0.2
0.047
Case Size / Max Ripple Current / tanδ / ESR
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com