Electronic Components Datasheet Search
  English  ▼

X  

HW Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # HW
Description  HW Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

HW Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  HW Datasheet HTML 1Page - Sharma Electro Components,Inc HW Datasheet HTML 2Page - Sharma Electro Components,Inc HW Datasheet HTML 3Page - Sharma Electro Components,Inc HW Datasheet HTML 4Page - Sharma Electro Components,Inc HW Datasheet HTML 5Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CASE SIZE (ψDxL(mm)) / MAX DISSIPATION FACTOR (tanδ/ 120Hz,20℃) / MAX PERMISSIBLE RIPPLE CURRENT
(RC(Arms) / 120Hz,105℃) / MAX EQUIVALENT SERIES RESISTANCE(ESR(Ω) / 120Hz,20℃)
WV
10
16
ψDxL
ψDxL
SPEC
μF
RC
tanδ
ESR
RC
tanδ
ESR
22x25
6800
1.80
0.5
0.098
22x30
25x25
8200
2.05
2.05
0.5
0.081
22x25
22x35
25x30
10000
1.80
0.5
0.066
2.45
2.45
0.5
0.066
22x30
25x25
22x40
25x30
30x25
12000
2.05
2.05
0.5
0.055
2.73
2.60
2.68
0.5
0.055
22x35
25x30
30x25
22x45
25x35
30x30
15000
2.45
2.45
2.55
0.5
0.044
2.99
2.90
3.02
0.5
0.044
22x40
25x30
30x30
22x50
25x40
30x30
35x25
18000
2.94
2.80
3.11
0.5
0.037
3.43
3.33
3.30
3.37
0.5
0.037
22x45
25x35
30x30
35x25
25x45
30x35
35x30
22000
3.24
3.15
3.28
3.37
0.5
0.030
3.70
3.70
3.81
0.5
0.030
25x40
30x35
35x30
30x40
35x35
27000
3.50
3.67
3.78
0.5
0.025
4.15
4.27
0.5
0.025
25x45
30x40
35x30
30x50
35x40
33000
4.00
4.20
4.08
0.5
0.020
4.65
4.65
0.5
0.020
25x50
30x45
35x35
35x45
39000
4.45
4.67
4.63
0.5
0.017
5.25
0.5
0.017
35x40
35x50
47000
4.90
0.5
0.014
5.80
0.5
0.014
35x45
56000
5.50
0.5
0.012
35x50
68000
6.05
0.5
0.010
WV
25
35
ψDxL
ψDxL
SPEC
μF
RC
tanδ
ESR
RC
tanδ
ESR
22x25
2700
1.45
0.35
0.172
22x30
3300
1.60
0.35
0.141
22x25
22x30
3900
1.50
0.4
0.136
1.80
0.35
0.119
22x30
22x35
25x25
4700
1.80
0.4
0.113
2.23
2.10
0.35
0.099
22x30
25x25
22x40
25x30
30x25
5600
1.95
1.95
0.4
0.095
2.41
2.30
2.37
0.35
0.083
22x35
25x30
22x45
25x35
30x30
6800
2.20
2.20
0.4
0.078
2.68
2.60
2.70
0.35
0.068
22x40
25x35
30x25
22x50
25x40
30x30
35x25
8200
2.47
2.50
2.45
0.4
0.065
3.02
2.93
2.90
2.96
0.35
0.057
22x45
25x40
30x30
25x45
30x35
35x30
10000
2.75
2.80
2.75
0.4
0.053
3.20
3.20
3.30
0.35
0.046
22x50
25x45
30x35
35x25
25x50
30x40
35x30
12000
3.13
3.22
3.19
3.10
0.4
0.044
3.64
3.67
3.60
0.35
0.039
25x50
30x40
35x30
30x45
35x35
15000
3.43
3.47
3.40
0.4
0.035
4.04
4.00
0.35
0.031
30x45
35x35
35x40
18000
3.94
3.90
0.4
0.029
4.60
0.35
0.026
30x50
35x40
35x50
22000
4.30
4.30
0.4
0.024
5.10
0.35
0.021
35x45
27000
4.85
0.4
0.020
Case Size / Max Ripple Current / tanδ / ESR
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com