Electronic Components Datasheet Search
  English  ▼

X  

DMP3012LPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP3012LPS
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3012LPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP3012LPS Datasheet HTML 1Page - Diodes Incorporated DMP3012LPS Datasheet HTML 2Page - Diodes Incorporated DMP3012LPS Datasheet HTML 3Page - Diodes Incorporated DMP3012LPS Datasheet HTML 4Page - Diodes Incorporated DMP3012LPS Datasheet HTML 5Page - Diodes Incorporated DMP3012LPS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP3012LPS
Document number: DS35247 Rev. 2 - 2
1 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMP3012LPS
P-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®5060-8
Product Summary
V(BR)DSS
RDS(ON)
ID
TC = +25°C
-30V
9mΩ @ VGS = -10V
-45A
12mΩ @ VGS = -4.5V
-35A
Description and Applications
This new generation 30V P-Channel Enhancement Mode MOSFET
has been designed to minimize RDS(ON) and yet maintain superior
switching performance. This device is ideal for use in Notebook
battery power management and loadswitch.
•
Notebook Battery Power Management
•
DC-DC Converters
•
Loadswitch
Features and Benefits
•
Thermally Efficient Package-Cooler Running Applications
•
High Conversion Efficiency
•
Low RDS(ON) – Minimizes On State Losses
•
Low Input Capacitance
•
Fast Switching Speed
•
<1.1mm Package Profile – Ideal for Thin Applications
•
ESD HBM Protected up to 1kV
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3) 
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: POWERDI5060-8
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Weight: 0.097 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP3012LPS-13
POWERDI5060-8
2500 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Pin Configuration
Internal Schematic
Bottom View
Top View
POWERDI5060-8
Pin1
D
S
G
= Manufacturer’s Marking
P3012LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)
S
D
SS
G
DD
D
P3010LS
YY WW
S
D
D
G
D
D
S
S


Similar Part No. - DMP3012LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3012LPS DIODES-DMP3012LPS_15 Datasheet
365Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰5060-8
Rev 2
More results

Similar Description - DMP3012LPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com