Electronic Components Datasheet Search
  English  ▼

X  

DMP3012LPS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3012LPS
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3012LPS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3012LPS Datasheet HTML 1Page - Diodes Incorporated DMP3012LPS Datasheet HTML 2Page - Diodes Incorporated DMP3012LPS Datasheet HTML 3Page - Diodes Incorporated DMP3012LPS Datasheet HTML 4Page - Diodes Incorporated DMP3012LPS Datasheet HTML 5Page - Diodes Incorporated DMP3012LPS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP3012LPS
Document number: DS35247 Rev. 2 - 2
3 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMP3012LPS
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristics
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
= -2.2V
GS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -4.0V
GS
-V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -5V
DS
-I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
0.002
0.004
0.006
0.008
0.01
0.012
01
23
4
5
6
7
8
9
10
V
= -4.5V
GS
V
= -10V
GS
-I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance
vs. Drain Current and Temperature
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0
5
10
15
20
25
30
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= -4.5V
GS
T , AMBIENT TEMPERATURE (°C)
A
Figure 5 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
-50
-25
0
255075
100
125
150
V
= -10V
I = -20A
GS
D
V
= -4.5V
I = -10A
GS
D
T , JUNCTION TEMPERATURE (°C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.005
0.01
0.015
0.02
-50
-25
0
255075
100
125
150
V
= -10V
I = -20A
GS
D
V
= -4.5V
I = -10A
GS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com