Electronic Components Datasheet Search
  English  ▼

X  

DMP3012LPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3012LPS
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3012LPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3012LPS Datasheet HTML 1Page - Diodes Incorporated DMP3012LPS Datasheet HTML 2Page - Diodes Incorporated DMP3012LPS Datasheet HTML 3Page - Diodes Incorporated DMP3012LPS Datasheet HTML 4Page - Diodes Incorporated DMP3012LPS Datasheet HTML 5Page - Diodes Incorporated DMP3012LPS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP3012LPS
Document number: DS35247 Rev. 2 - 2
2 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMP3012LPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
13.2
10.5
A
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
11.4
9.1
A
Pulsed Drain Current (Notes 6)
IDM
-100
A
Avalanche Current (Notes 7) L = 1mH
IAR
-24
A
Avalanche Energy (Notes 7) L = 1mH
EAR
292
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.29
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 5)
RθJA
97
°C/W
Power Dissipation (Note 6)
PD
2.36
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 6)
RθJA
53
°C/W
Thermal Resistance, Junction to Case @ TC = +25°C (Notes 6 )
RθJC
4.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-1.0
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.1
-1.6
-2.1
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
—
7.5
9.0
mΩ
VGS = -10V, ID = -10A
—
8.5
12.0
VGS = -4.5V, ID = -10A
Forward Transfer Admittance
|Yfs|
—
30
—
S
VDS = -15V, ID = -10A
Diode Forward Voltage
VSD
—
-0.65
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
6807
—
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
988
—
pF
Reverse Transfer Capacitance
Crss
—
647
—
pF
Gate Resistance
Rg
—
6.2
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -10V)
Qg
—
139
—
nC
VDS = -15V, ID = -10A
Total Gate Charge (VGS = -4.5V)
Qg
—
66
—
nC
Gate-Source Charge
Qgs
—
19
—
nC
Gate-Drain Charge
Qgd
—
21
—
nC
Turn-On Delay Time
tD(on)
—
8.9
—
ns
VDS = -15V, VGEN = -10V,
RG = 6Ω, ID = -1A
Turn-On Rise Time
tr
—
10.5
—
ns
Turn-Off Delay Time
tD(off)
—
254
—
ns
Turn-Off Fall Time
tf
—
95
—
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = 25°C
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com