Electronic Components Datasheet Search
  English  ▼

X  

DMP3012LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3012LPS
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3012LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3012LPS Datasheet HTML 1Page - Diodes Incorporated DMP3012LPS Datasheet HTML 2Page - Diodes Incorporated DMP3012LPS Datasheet HTML 3Page - Diodes Incorporated DMP3012LPS Datasheet HTML 4Page - Diodes Incorporated DMP3012LPS Datasheet HTML 5Page - Diodes Incorporated DMP3012LPS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP3012LPS
Document number: DS35247 Rev. 2 - 2
4 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMP3012LPS
T , AMBIENT TEMPERATURE (°C)
A
Figure 7 Gate Threshold Variation vs. Ambient Temperature
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125 150
I = -1mA
D
I = -250µA
D
-V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Total Capacitance
100
1000
10000
100000
0
5
10
15
20
25
30
f = 1MHz
Ciss
Crss
Coss
Q , OTAL GATE CHARGE (nC)
Figure 10 Gate-Source Voltage vs. Total Gate Charge
g T
0
1
2
3
4
5
6
7
8
9
10
030
60
90
120
150
V
= -15V
I = -10A
DS
D
t , PULSE DURATION TIME (s)
1
Figure 11 Transient Thermal Response
R
(t) = r(t) *
θJA
R
R
= 95°C/W
θ
θ
JA
JA
Duty Cycle, D = t /t
12
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5
0.0001
0.001
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com