Electronic Components Datasheet Search
  English  ▼

X  

ADF4107BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4107BCP
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107BCP Datasheet(HTML) 5 Page - Analog Devices

  ADF4107BCP Datasheet HTML 1Page - Analog Devices ADF4107BCP Datasheet HTML 2Page - Analog Devices ADF4107BCP Datasheet HTML 3Page - Analog Devices ADF4107BCP Datasheet HTML 4Page - Analog Devices ADF4107BCP Datasheet HTML 5Page - Analog Devices ADF4107BCP Datasheet HTML 6Page - Analog Devices ADF4107BCP Datasheet HTML 7Page - Analog Devices ADF4107BCP Datasheet HTML 8Page - Analog Devices ADF4107BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADF4107
TIMING CHARACTERISTICS
Table 2. (AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω,
TA = TMAX to TMIN, unless otherwise noted.) 1
Parameter
Limit2 (B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
20
ns min
LE Pulsewidth
1 Guaranteed by design but not production tested.
2 Operating temperature range (B Version) is –40°C to +85°C.
CLOCK
DB22
DB2
DATA
LE
t1
LE
DB23 (MSB)
t2
DB1 (CONTROL
BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t3
t4
t6
t5
Figure 2. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
Table 3. (TA = 25°C, unless otherwise noted.)
Parameter
Rating
AVDD to GND1
–0.3 V to +3.6 V
AVDD to DVDD
–0.3 V to +0.3 V
VP to GND
–0.3 V to +5.8 V
VP to AVDD
–0.3 V to +5.8 V
Digital I/O Voltage to GND
–0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND
–0.3 V to VP + 0.3 V
REFIN, RFINA, RFINB to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +125°C
Maximum Junction Temperature
150°C
TSSOP θJA Thermal Impedance
150.4°C/W
CSP θJA Thermal Impedance
122°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Transistor Count
CMOS
6425
Bipolar
303
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
1GND = AGND = DGND = 0 V.
Rev. 0 | Page 5 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com