Electronic Components Datasheet Search
  English  ▼

X  

ADF4107BCP Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4107BCP
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107BCP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4107BCP Datasheet HTML 3Page - Analog Devices ADF4107BCP Datasheet HTML 4Page - Analog Devices ADF4107BCP Datasheet HTML 5Page - Analog Devices ADF4107BCP Datasheet HTML 6Page - Analog Devices ADF4107BCP Datasheet HTML 7Page - Analog Devices ADF4107BCP Datasheet HTML 8Page - Analog Devices ADF4107BCP Datasheet HTML 9Page - Analog Devices ADF4107BCP Datasheet HTML 10Page - Analog Devices ADF4107BCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADF4107
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Parameter Data for the RF Input
0
–30
–5
–10
–25
–20
–15
01
2
4
6
35
RF INPUT FREQUENCY – GHz
7
VDD = 3V
VP = 3V
TA = +85
oC
TA = –40
oC
TA = +25
oC
Figure 6. Input Sensitivity
0
–60
–2kHz
–10
–50
–70
–90
–30
–40
–80
–20
+2kHz
900MHz
–1kHz
+1kHz
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
–93.0dBc/Hz
FREQUENCY
REF LEVEL = –14.3dBm
Figure 7. Phase Noise (900 MHz, 200 kHz, 20 kHz)
100Hz
1MHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY OFFSET FROM 900MHz CARRIER
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 0.36
o
Figure 8. Integrated Phase Noise (900 MHz, 200 kHz, 20 kHz)
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
REF LEVEL = –14.0dBm
–400kHz
+400kHz
900MHz
–200kHz
+200kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
–91.0dBc/Hz
Figure 9. Reference Spurs (900 MHz, 200 kHz, 20 kHz)
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
REF LEVEL = –10dBm
–2kHz
+2kHz
6400MHz
–1kHz
+1kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
–83.0dBc/Hz
Figure 10. Phase Noise (6.4 GHz, 1 MHz, 100 kHz)
Rev. 0 | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com