Electronic Components Datasheet Search
  English  ▼

X  

ADF4107BCP Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4107BCP
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4107BCP Datasheet HTML 5Page - Analog Devices ADF4107BCP Datasheet HTML 6Page - Analog Devices ADF4107BCP Datasheet HTML 7Page - Analog Devices ADF4107BCP Datasheet HTML 8Page - Analog Devices ADF4107BCP Datasheet HTML 9Page - Analog Devices ADF4107BCP Datasheet HTML 10Page - Analog Devices ADF4107BCP Datasheet HTML 11Page - Analog Devices ADF4107BCP Datasheet HTML 12Page - Analog Devices ADF4107BCP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADF4107
Rev. 0 | Page 9 of 20
FUNCTIONAL DESCRIPTION
Reference Input Stage
The Reference Input stage is shown in Figure 17. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
100k
Ω
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 17. Reference Input Stage
RF Input Stage
The RF input stage is shown in Figure 18. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
500
Ω
1.6V
500
Ω
AGND
BIAS
GENERATOR
RFINA
RFINB
AVDD
Figure 18. RF Input Stage
Prescaler (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the A and B
counters, enables the large division ratio, N, to be realized
(N = BP + A). The dual-modulus prescaler, operating at CML
levels, takes the clock from the RF input stage and divides it
down to a manageable frequency for the CMOS A and B
counters. The prescaler is programmable. It can be set in
software to 8/9, 16/17, 32/33, or 64/65. It is based on a
synchronous 4/5 core. A minimum divide ratio is possible for
fully contiguous output frequencies. This minimum is
determined by P, the prescaler value, and is given by: (P2 – P).
A and B Counters
The A and B CMOS counters combine with the dual-modulus
prescaler to allow a wide ranging division ratio in the PLL
feedback counter. The counters are specified to work when the
prescaler output is 300 MHz or less. Thus, with an RF input
frequency of 4.0 GHz, a prescaler value of 16/17 is valid but a
value of 8/9 is not valid.
Pulse Swallow Function
The A and B counters, in conjunction with the dual-modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. The
equation for the VCO frequency is as follows:
()
[]
R
f
A
B
P
f
REFIN
VCO
×
+
×
=
fVCO
Output frequency of external voltage controlled
oscillator (VCO).
P
Preset modulus of dual-modulus prescaler
(8/9, 16/17, etc.).
B
Preset divide ratio of binary 13-bit counter
(3 to 8191).
A
Preset divide ratio of binary 6-bit swallow counter
(0 to 63).
fREFIN
External reference frequency oscillator.
LOAD
LOAD
FROM RF
INPUT STAGE
PRESCALER
P/P + 1
13-BIT B
COUNTER
TO PFD
6-BIT A
COUNTER
N DIVIDER
MODULUS
CONTROL
N = BP + A
Figure 19. A and B Counters
R Counter
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383 are
allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com