Electronic Components Datasheet Search
  English  ▼

X  

ADF4107BCP Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4107BCP
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107BCP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4107BCP Datasheet HTML 6Page - Analog Devices ADF4107BCP Datasheet HTML 7Page - Analog Devices ADF4107BCP Datasheet HTML 8Page - Analog Devices ADF4107BCP Datasheet HTML 9Page - Analog Devices ADF4107BCP Datasheet HTML 10Page - Analog Devices ADF4107BCP Datasheet HTML 11Page - Analog Devices ADF4107BCP Datasheet HTML 12Page - Analog Devices ADF4107BCP Datasheet HTML 13Page - Analog Devices ADF4107BCP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADF4107
Phase Frequency Detector and Charge
Pump
The phase frequency detector (PFD) takes inputs from the R
counter and N counter (N = BP + A) and produces an output
proportional to the phase and frequency difference between
them. Figure 20 is a simplified schematic. The PFD includes a
programmable delay element that controls the width of the
antibacklash pulse. This pulse ensures that there is no dead zone
in the PFD transfer function and minimizes phase noise and
reference spurs. Two bits in the reference counter latch, ABP2
and ABP1, control the width of the pulse. See Figure 23.
HI
HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
UP
DOWN
ABP2
ABP1
CPGND
U3
R DIVIDER
PROGRAMMABLE
DELAY
N DIVIDER
VP
CHARGE
PUMP
Figure 20. PFD Simplified Schematic and Timing (in Lock)
MUXOUT and Lock Detect
The output multiplexer on the ADF4107 allows the user to
access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 in the function
latch. Figure 25 shows the full truth table. Figure 21 shows the
MUXOUT section in block diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect.
Digital lock detect is active high. When the lock detect precision
(LDP) bit in the R counter latch is set to 0, digital lock detect is
set high when the phase error on three consecutive phase
detector (PD) cycles is less than 15 ns. With LDP set to 1, five
consecutive cycles of less than 15 ns are required to set the lock
detect. It will stay set high until a phase error of greater than
25 ns is detected on any subsequent PD cycle.
The N-channel open-drain analog lock detect should be
operated with an external pull-up resistor of 10 kΩ nominal.
When lock has been detected, this output will be high with
narrow, low-going pulses.
DGND
DVDD
CONTROL
MUX
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
MUXOUT
Figure 21. MUXOUT Circuit
Input Shift Register
The ADF4107 digital section includes a 24-bit input shift
register, a 14-bit R counter, and a 19-bit N counter, comprising a
6-bit A counter and a 13-bit B counter. Data is clocked into the
24-bit shift register on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the shift register
to one of four latches on the rising edge of LE. The destination
latch is determined by the state of the two control bits (C2, C1)
in the shift register. These are the two LSBs, DB1 and DB0, as
shown in the timing diagram of Figure 2. The truth table for
these bits is shown in Table 5. Figure 22 shows a summary of
how the latches are programmed.
Table 5. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
R Counter
0
1
N Counter (A and B)
1
0
Function Latch (Including Prescaler)
1
1
Initialization Latch
Rev. 0 | Page 10 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com