Electronic Components Datasheet Search
  English  ▼

X  

FDC2114RGHT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 16 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 12Page - Texas Instruments FDC2114RGHT Datasheet HTML 13Page - Texas Instruments FDC2114RGHT Datasheet HTML 14Page - Texas Instruments FDC2114RGHT Datasheet HTML 15Page - Texas Instruments FDC2114RGHT Datasheet HTML 16Page - Texas Instruments FDC2114RGHT Datasheet HTML 17Page - Texas Instruments FDC2114RGHT Datasheet HTML 18Page - Texas Instruments FDC2114RGHT Datasheet HTML 19Page - Texas Instruments FDC2114RGHT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Active Channel
Sensor Signal
Sensor
Activation
Conversion
Amplitude
Correction
Conversion
Amplitude
Correction
Conversion
Amplitude
Correction
Channel 0
Channel 1
Channel 0
Sensor
Activation
Channel 0
Conversion
Channel 1
Sensor
Activation
Channel 1
Conversion
Channel 0
Sensor
Activation
Channel
switch delay
Channel
switch delay
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Table 4. Sample Data Registers (continued)
CHANNEL(1)
REGISTER(2)
FIELD NAME [ BITS(S) ] AND
FIELD NAME [ BITS(S) ] AND VALUE
VALUE (FDC2112, FDC2114)
(FDC2212, FDC2214) (3)(4)
DATA_CH3, addr 0x06
DATA3 [11:0]:
DATA3 [27:16]:
12 bits of the 16 bit result.
12 MSBs of the 28 bit result
0x000 = under range
3
0xfff = over range
DATA_LSB_CH3, addr 0x07
Not applicable
DATA3 [15:0]:
16 LSBs of the 28 bit conversion result
When the FDC sequences through the channels in multi-channel mode, the dwell time interval for each channel
is the sum of three parts:
1. sensor activation time
2. conversion time
3. channel switch delay
The sensor activation time is the amount of settling time required for the sensor oscillation to stabilize, as shown
in Figure 13. The settling wait time is programmable and should be set to a value that is long enough to allow
stable oscillation. The settling wait time for channel x is given by:
tSx = (CHX_SETTLECOUNTˣ16)/fREFx
(3)
Table 5 illustrates the registers and values for configuring the settling time for each channel.
Figure 13. Multi-channel Mode Sequencing
Figure 14. Single-channel Mode Sequencing
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com