Electronic Components Datasheet Search
  English  ▼

X  

FDC2114RGHT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 28 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 24Page - Texas Instruments FDC2114RGHT Datasheet HTML 25Page - Texas Instruments FDC2114RGHT Datasheet HTML 26Page - Texas Instruments FDC2114RGHT Datasheet HTML 27Page - Texas Instruments FDC2114RGHT Datasheet HTML 28Page - Texas Instruments FDC2114RGHT Datasheet HTML 29Page - Texas Instruments FDC2114RGHT Datasheet HTML 30Page - Texas Instruments FDC2114RGHT Datasheet HTML 31Page - Texas Instruments FDC2114RGHT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Table 26. Address 0x0E, OFFSET_CH2 Field Descriptions
Bit
Field
Type
Reset
Description
15:0
CH2_OFFSET
R/W
0000 0000
Channel 2 Conversion Offset. fOFFSET_2 =
0000 0000
(CH2_OFFSET/216)*fREF2
9.6.17 Address 0x0F, OFFSET_CH3 (FDC2114 only)
Figure 34. Address 0x0F, OFFSET_CH3
15
14
13
12
11
10
9
8
CH3_OFFSET
7
6
5
4
3
2
1
0
CH3_OFFSET
Table 27. Address 0x0F, OFFSET_CH3 Field Descriptions
Bit
Field
Type
Reset
Description
15:0
CH3_OFFSET
R/W
0000 0000
Channel 3 Conversion Offset. fOFFSET_3 =
0000 0000
(CH3_OFFSET/216)*fREF3
9.6.18 Address 0x10, SETTLECOUNT_CH0
Figure 35. Address 0x10, SETTLECOUNT_CH0
15
14
13
12
11
10
9
8
CH0_SETTLECOUNT
7
6
5
4
3
2
1
0
CH0_SETTLECOUNT
Table 28. Address 0x11, SETTLECOUNT_CH0 Field Descriptions
Bit
Field
Type
Reset
Description
15:0
CH0_SETTLECOUNT
R/W
0000 0000
Channel 0 Conversion Settling
0000 0000
The FDC will use this settling time to allow the LC sensor to
stabilize before initiation of a conversion on Channel 0.
If the amplitude has not settled prior to the conversion start, an
Amplitude warning will be generated if reporting of this type of
warning is enabled.
b0000 0000 0000 0000: Settle Time (tS0)= 32 ÷ fREF0
b0000 0000 0000 0001: Settle Time (tS0)= 32 ÷ fREF0
b0000 0000 0000 0010 - b1111 1111 1111 1111: Settle Time
(tS0)= (CH0_SETTLECOUNTˣ16) ÷ fREF0
9.6.19 Address 0x11, SETTLECOUNT_CH1
Figure 36. Address 0x11, SETTLECOUNT_CH1
15
14
13
12
11
10
9
8
CH1_SETTLECOUNT
7
6
5
4
3
2
1
0
CH1_SETTLECOUNT
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com