Electronic Components Datasheet Search
  English  ▼

X  

FDC2114RGHT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 9 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 5Page - Texas Instruments FDC2114RGHT Datasheet HTML 6Page - Texas Instruments FDC2114RGHT Datasheet HTML 7Page - Texas Instruments FDC2114RGHT Datasheet HTML 8Page - Texas Instruments FDC2114RGHT Datasheet HTML 9Page - Texas Instruments FDC2114RGHT Datasheet HTML 10Page - Texas Instruments FDC2114RGHT Datasheet HTML 11Page - Texas Instruments FDC2114RGHT Datasheet HTML 12Page - Texas Instruments FDC2114RGHT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D007
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D008
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
25
30
35
40
45
50
55
60
D005
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
25
30
35
40
45
50
55
60
65
D006
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
3.05
3.075
3.1
3.125
3.15
3.175
3.2
3.225
3.25
D003
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.05
3.1
3.15
3.2
3.25
D004
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
8.8 Typical Characteristics
Common test conditions (unless specified otherwise): Sensor capacitor: 1 layer, 20.9 x 13.9 mm, Bourns CMH322522-180KL
sensor inductor with L=18 µH and 33 pF 1% COG/NP0 Target: Grounded aluminum plate (176 x 123 mm), Channel =
Channel 0 (continuous mode) CLKIN = 40 MHz, CHx_FIN_SEL = b01, CHx_FREF_DIVIDER = b00 0000 0001
CH0_RCOUNT = 0xFFFF, SETTLECOUNT_CH0 = 0x0100, DRIVE_CURRENT_CH0 = 0x7800.
Includes 1.57 mA sensor current
Includes 1.57 mA sensor current
–40°C to +125°C
Figure 2. Active Mode IDD vs. Temperature
Figure 3. Active Mode IDD vs. VDD
–40°C to +125°C
Figure 4. Sleep Mode IDD vs. Temperature
Figure 5. Sleep Mode IDD vs. VDD
–40°C to +125°C
Figure 6. Shutdown Mode IDD vs. Temperature
Figure 7. Shutdown Mode IDD vs. VDD
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com