Electronic Components Datasheet Search
  English  ▼

X  

FDC2114RGHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 4 Page - Texas Instruments

  FDC2114RGHT Datasheet HTML 1Page - Texas Instruments FDC2114RGHT Datasheet HTML 2Page - Texas Instruments FDC2114RGHT Datasheet HTML 3Page - Texas Instruments FDC2114RGHT Datasheet HTML 4Page - Texas Instruments FDC2114RGHT Datasheet HTML 5Page - Texas Instruments FDC2114RGHT Datasheet HTML 6Page - Texas Instruments FDC2114RGHT Datasheet HTML 7Page - Texas Instruments FDC2114RGHT Datasheet HTML 8Page - Texas Instruments FDC2114RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
1
2
3
4
12
11
10
9
DAP
SCL
SDA
CLKIN
ADDR
IN0A
IN0B
IN1A
IN1B
DAP
1
SCL
3
CLKIN
4
ADDR
INTB
5
VDD
7
GND
8
IN0A
9
IN0B
10
IN1A
11
SD
6
IN1B
12
2
SDA
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
7 Pin Configuration and Functions
FDC2112/FDC2212 WSON
DNT-12
Top View
FDC2114/FDC2214 WQFN
RGH-16
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SCL
1
I
I2C Clock input
SDA
2
I/O
I2C Data input/output
CLKIN
3
I
Master Clock input. Tie this pin to GND if internal oscillator is selected
I2C Address selection pin: when ADDR=L, I2C address = 0x2A, when ADDR=H, I2C address =
ADDR
4
I
0x2B.
INTB
5
O
Configurable Interrupt output pin
SD
6
I
Shutdown input
VDD
7
P
Power Supply
GND
8
G
Ground
IN0A
9
A
Capacitive sensor input 0
IN0B
10
A
Capacitive sensor input 0
IN1A
11
A
Capacitive sensor input 1
IN1B
12
A
Capacitive sensor input 1
IN2A
13
A
Capacitive sensor input 2 (FDC2114 / FDC2214 only)
IN2B
14
A
Capacitive sensor input 2 (FDC2114 / FDC2214 only)
(1)
I = Input, O = Output, P=Power, G=Ground, A=Analog
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com