Electronic Components Datasheet Search
  English  ▼

X  

FDC2214RGHT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2214RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHT Datasheet(HTML) 36 Page - Texas Instruments

Back Button FDC2214RGHT Datasheet HTML 32Page - Texas Instruments FDC2214RGHT Datasheet HTML 33Page - Texas Instruments FDC2214RGHT Datasheet HTML 34Page - Texas Instruments FDC2214RGHT Datasheet HTML 35Page - Texas Instruments FDC2214RGHT Datasheet HTML 36Page - Texas Instruments FDC2214RGHT Datasheet HTML 37Page - Texas Instruments FDC2214RGHT Datasheet HTML 38Page - Texas Instruments FDC2214RGHT Datasheet HTML 39Page - Texas Instruments FDC2214RGHT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Table 41. Address 0x1E, DRIVE_CURRENT_CH0 Field Descriptions
Bit
Field
Type
Reset
Description
15:11
CH0_IDRIVE
R/W
0000 0
Channel 0 Sensor drive current
This field defines the Drive Current used during the settling +
conversion time of Channel 0 sensor clock. Set such that 1.2V
≤
sensor oscillation amplitude (pk)
≤ 1.8V
00000: 0.016mA
00001: 0.018mA
00010: 0.021mA
00011: 0.025mA
00100: 0.028mA
00101: 0.033mA
00110: 0.038mA
00111: 0.044mA
01000: 0.052mA
01001: 0.060mA
01010: 0.069mA
01011: 0.081mA
01100: 0.093mA
01101: 0.108mA
01110: 0.126mA
01111: 0.146mA
10000: 0.169mA
10001: 0.196mA
10010: 0.228mA
10011: 0.264mA
10100: 0.307mA
10101: 0.356mA
10110: 0.413mA
10111: 0.479mA
11000: 0.555mA
11001: 0.644mA
11010: 0.747mA
11011: 0.867mA
11100: 1.006mA
11101: 1.167mA
11110: 1.354mA
11111: 1.571mA
10:0
RESERVED
–
000 0000
Reserved
0000
9.6.32 Address 0x1F, DRIVE_CURRENT_CH1
Figure 49. Address 0x1F, DRIVE_CURRENT_CH1
15
14
13
12
11
10
9
8
CH1_IDRIVE
RESERVED
7
6
5
4
3
2
1
0
RESERVED
Table 42. Address 0x1F, DRIVE_CURRENT_CH1 Field Descriptions
Bit
Field
Type
Reset
Description
15:11
CH1_IDRIVE
R/W
0000 0
Channel 1 Sensor drive current
This field defines the Drive Current used during the settling +
conversion time of Channel 1 sensor clock. Set such that 1.2V
≤
sensor oscillation amplitude (pk)
≤ 1.8V
00000: 0.016mA
00001: 0.018mA
00010: 0.021mA
...
11111: 1.571mA
10:0
RESERVED
-
000 0000
Reserved
0000
36
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com