Electronic Components Datasheet Search
  English  ▼

X  

FDC2214RGHT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2214RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHT Datasheet(HTML) 39 Page - Texas Instruments

Back Button FDC2214RGHT Datasheet HTML 35Page - Texas Instruments FDC2214RGHT Datasheet HTML 36Page - Texas Instruments FDC2214RGHT Datasheet HTML 37Page - Texas Instruments FDC2214RGHT Datasheet HTML 38Page - Texas Instruments FDC2214RGHT Datasheet HTML 39Page - Texas Instruments FDC2214RGHT Datasheet HTML 40Page - Texas Instruments FDC2214RGHT Datasheet HTML 41Page - Texas Instruments FDC2214RGHT Datasheet HTML 42Page - Texas Instruments FDC2214RGHT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
FDC211x / FDC221x
IN0A
IN0B
L
18 H
C
33 pF
Sensor plate (1)
Target object
Sensor plate (2)
Target object
Virtual GND (target floating)
or
Earth GND (target grounded)
FDC211x / FDC221x
IN0A
IN0B
L
18 H
C
33 pF
Sensor plate
Target object
Virtual GND (target floating)
or
Earth GND (target grounded)
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Sensor Configuration
The FDC supports two sensor configurations. Both configurations use an LC tank to set the frequency of
oscillation. A typical choice is an 18
μH shielded SMD inductor in parallel with a 33 pF capacitor, which result in a
6.5 MHz oscillation frequency. In the single-ended configuration in Figure 54, a conductive plate is connected
IN0A. Together with a target object, the conductive plate forms a variable capacitor.
Figure 54. Single-ended Sensor Configuration
In the differential sensor configuration in Figure 55, one conductive plate is connected to IN0A, and a second
conductive plate is connected to IN0B. Together, they form a variable capacitor. When using an single-ended
sensor configuration, set CHx_FIN_SEL to b10 (divide by 2).
Figure 55. Differential Sensor Configuration
The single-ended configuration allows higher sensing range than the differential configuration for a given total
sensor plate area. In applications in which high sensitivity at close proximity is desired, the differential
configuration performs better than the single-ended configuration.
10.1.2 Shield
in order to minimize interference from external objects, some applications require an additional plate which acts
as a shield. The shield can either be:
•
actively driven shield: The shield is a buffered signal of the INxA pin. The signal is buffered by an external
amplifier with a gain of 1.
•
passive shield: The shield is connected to GND. Adding a passive shield decreases sensitivity of the sensor,
but is dependent on the distance between the distance between the sensing plate and the shield. The
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com