Electronic Components Datasheet Search
  English  ▼

X  

FDC2214RGHT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2214RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHT Datasheet(HTML) 5 Page - Texas Instruments

  FDC2214RGHT Datasheet HTML 1Page - Texas Instruments FDC2214RGHT Datasheet HTML 2Page - Texas Instruments FDC2214RGHT Datasheet HTML 3Page - Texas Instruments FDC2214RGHT Datasheet HTML 4Page - Texas Instruments FDC2214RGHT Datasheet HTML 5Page - Texas Instruments FDC2214RGHT Datasheet HTML 6Page - Texas Instruments FDC2214RGHT Datasheet HTML 7Page - Texas Instruments FDC2214RGHT Datasheet HTML 8Page - Texas Instruments FDC2214RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN3A
15
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
IN3B
16
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
DAP(2)
DAP
N/A
Connect to Ground
(2)
There is an internal electrical connection between the exposed Die Attach Pad (DAP) and the GND pin of the device. Although the DAP
can be left floating, for best performance the DAP should be connected to the same potential as the device's GND pin. Do not use the
DAP as the primary ground for the device. The device GND pin must always be connected to ground.
8 Specifications
8.1 Absolute Maximum Ratings
MIN
MAX
UNIT
VDD
Supply voltage range
5
V
Vi
Voltage on any pin
–0.3
VDD + 0.3
V
IA
Input current on any INx pin
–8
8
mA
ID
Input current on any digital pin
–5
5
mA
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
FDC2112 / FDC2212 in 12-pin WSON package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
FDC2114 / FDC2214 in 16-pin WQFN package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.7
3.6
V
TA
Operating temperature
–40
125
°C
8.4 Thermal Information
FDC2112 /
FDC2214 /
FDC2212
FDC2214
THERMAL METRIC(1)
UNIT
DNT (WSON)
RGH (WQFN)
12 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
50
38
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com