Electronic Components Datasheet Search
  English  ▼

X  

FDC2214RGHT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2214RGHT
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHT Datasheet(HTML) 45 Page - Texas Instruments

Back Button FDC2214RGHT Datasheet HTML 41Page - Texas Instruments FDC2214RGHT Datasheet HTML 42Page - Texas Instruments FDC2214RGHT Datasheet HTML 43Page - Texas Instruments FDC2214RGHT Datasheet HTML 44Page - Texas Instruments FDC2214RGHT Datasheet HTML 45Page - Texas Instruments FDC2214RGHT Datasheet HTML 46Page - Texas Instruments FDC2214RGHT Datasheet HTML 47Page - Texas Instruments FDC2214RGHT Datasheet HTML 48Page - Texas Instruments FDC2214RGHT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Target Distance (mm) with 20.9 x 13.9 mm Sensor
40
42
44
46
48
50
52
54
56
58
60
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
D030
Target Distance (mm) with 20.9 x 13.9 mm Sensor
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
D032
4.08 ksps
610 sps
38 sps
Target Distance (mm) with 20.9 x 13.9 mm Sensor
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
D028
Target Distance (mm) with 20.9 x 13.9 mm Sensor
20
22
24
26
28
30
32
34
36
38
40
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
D029
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
10.2.4 Application Curves
Common test conditions (unless specified otherwise): Sensor capacitor: 1 layer, 20.9 x 13.9 mm, Bourns
CMH322522-180KL sensor inductor with L=18 µH and 33 pF 1% COG/NP0 Target: Grounded aluminum plate
(176 x 123 mm), Channel = Channel 0 (continuous mode) CLKIN = 40 MHz, CHx_FIN_SEL = b10,
CHx_FREF_DIVIDER = b00 0000 0001 CH0_RCOUNT = 0xFFFF, SETTLECOUNT_CH0 = 0x0100,
DRIVE_CURRENT_CH0 = 0x7800
Figure 59. FDC2212 / FDC2214: Capacitance vs. Target
Figure 60. FDC2112 / FDC2114: Capacitance vs. Target
Distance (0 to 20mm)
Distance (20 to 40mm)
Figure 61. FDC2212 / FDC2214: Capacitance vs. Target
Figure 62. Measurement precision in Distance vs. Target
Distance (40 to 60mm)
Distance (0 to 60mm)
10.2.5 Power-Cycled Applications
For applications which do not require high sample rates or maximum conversion resolution, the total active
conversion time of the FDC can be minimized to reduce power consumption. This can be done by either by using
sleep mode or shutdown mode during times in which conversions are not required (see Device Functional
Modes).
As an example, for an application which only needs 10 samples per second with a resolution of 16 bits can utilize
the low-power modes. The sensor requires SETTLECOUNT = 16 and IDRIVE of 01111b (0.146 mA). Given
FREF = 40 MHz and RCOUNT = 4096 will provide the resolution required. This corresponds to 4096 * 16 * 10 /
40 MHz
→ 16.4 ms of active conversion time per second. Start-up time and channel switch delay account for an
additional 0.34 ms. For the remainder of the time, the device can be in sleep mode: Therefore, the average
current is 19.4 ms * 3.6 mA active current + 980.6 ms of 35 µA of sleep current, which is approximately 104.6 µA
of average supply current. Sleep mode retains register settings and therefore requires less I2C writes to wake up
the FDC than shutdown mode.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com