Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 26Page - Texas Instruments TMS320DM355 Datasheet HTML 27Page - Texas Instruments TMS320DM355 Datasheet HTML 28Page - Texas Instruments TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-12. MMC/SD Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
MMCSD0_
D14
I/O/Z
VDD
MMCSD0: DATA1
DATA1
MMCSD0_
B13
I/O/Z
VDD
MMCSD0: DATA2
DATA2
MMCSD0_
A14
I/O/Z
VDD
MMCSD0: DATA3
DATA3
MMCSD1_
MMCSD1: Clock
CLK/
C15
I/O/Z
VDD
GIO: GIO[024]
GIO024
MMCSD1_
MMCSD1: Command
CMD/
A17
I/O/Z
VDD
GIO: GIO[023]
GIO023
MMCSD1_
DATA0/
MMCSD1: DATA0
GIO019/
A18
I/O/Z
VDD
GIO: GIO[019]
UART2_T
UART2: Transmit data
XD
MMCSD1_
DATA1/
MMCSD1: DATA1
GIO020/
B15
I/O/Z
VDD
GIO: GIO[020]
UART2_R
UART2: Receive data
XD
MMCSD1_
DATA2/
MMCSD1: DATA2
GIO021/
A16
I/O/Z
VDD
GIO: GIO[021]
UART2_C
UART2: CTS
TS
MMCSD1_
DATA3/
MMCSD1: DATA3
GIO022/
B16
I/O/Z
VDD
GIO: GIO[022]
UART2_R
UART2: RTS
TS
2.10 Universal Serial Bus (USB) Interface
The Universal Serial Bus (USB) interface supports the USB2.0 High-Speed protocol and includes dual-role
Host/Slave support. However, no charge pump is included.
Table 2-13. USB Terminal Functions
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
USB D+ (differential signal pair).
USB_DP
A7
A I/O/Z
VDDA33_USB
When USB is not used, this signal should be connected to VSS_USB.
USB D- (differential signal pair).
USB_DM
A6
A I/O/Z
VDDA33_USB
When USB is not used, this signal should be connected to VSS_USB.
USB reference current output
Connect to VSS_USB_REF via 10K ohm , 1% resistor placed as close to the device
USB_R1
C7
A I/O/Z
as possible.
When USB is not used, this signal should be connected to VSS_USB.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
30
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com