Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 96Page - Texas Instruments TMS320DM355 Datasheet HTML 97Page - Texas Instruments TMS320DM355 Datasheet HTML 98Page - Texas Instruments TMS320DM355 Datasheet HTML 99Page - Texas Instruments TMS320DM355 Datasheet HTML 100Page - Texas Instruments TMS320DM355 Datasheet HTML 101Page - Texas Instruments TMS320DM355 Datasheet HTML 102Page - Texas Instruments TMS320DM355 Datasheet HTML 103Page - Texas Instruments TMS320DM355 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
4.2
Recommended Operating Conditions
NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
CVDD
Supply voltage, Core
1.235
1.3
1.365
V
VDDA_PLL1
Supply voltage, PLL1
1.235
1.3
1.365
V
VDDA_PLL2
Supply voltage, PLL2
1.235
1.3
1.365
V
VDDD13_USB
Supply voltage, USB Digital
1.235
1.3
1.365
V
VDDA13_USB
Supply voltage, USB Analog
1.235
1.3
1.365
V
VDDA33_USB
Supply voltage, USB Analog
3.135
3.3
3.465
V
Supply Voltage
VDDA33_USB_PLL
Supply voltage, USB Common PLL
3.135
3.3
3.465
V
VDD_DDR
Supply voltage, DDR2 / MDDR
1.71
1.8
1.89
V
VDDA33_DDRDLL
Supply voltage, DDR DLL Analog
3.135
3.3
3.465
V
VDD_VIN
Supply voltage, Digital video In
3.135
3.3
3.465
V
VDD_VOUT
Supply voltage, Digital Video Out
3.135
3.3
3.465
V
VDDA18_DAC
Supply voltage, DAC Analog
1.71
1.8
1.89
V
VDD
Supply voltage, I/Os
3.135
3.3
3.465
V
VSS
Supply ground, Core, USB Digital
0
0
0
V
VSSA_PLL1
Supply ground, PLL1
0
0
0
V
VSSA_PLL2
Supply ground, PLL2
0
0
0
V
VSS_USB
Supply ground, USB
0
0
0
V
Supply Ground
VSSA_DLL
Supply ground, DLL
0
0
0
V
VSSA_DAC
Supply ground, DAC Analog
0
0
0
V
VSS_MX1
MXI1 osc ground(1)
0
0
0
V
VSS_MX2
MXI2 osc ground(1)
0
0
0
V
Voltage Input High
VIH
High-level input voltage(2)
2
V
Voltage Input Low
VIL
Low-level input voltage(2)
0.8
V
VREF
DAC reference voltage
450
mV
RBIAS
DAC full-scale current adjust resistor
2550
Ω
DAC(3)
RLOAD
Output resistor
499
Ω
CBG
Bypass capacitor
0.1
mF
ROUT
Output resistor (ROUT), between TVOUT and VFB pins
1070
Ω
RFB
Feedback resistor, between VFB and IOUT pins.
1000
Video Buffer(3)
RBIAS
DAC full-scale current adjust resistor
2550
Ω
CBG
Bypass capacitor
0.1
mA
USB_VBUS
USB external charge pump input
4.85
5
5.25
V
USB
R1
USB reference resistor(4)
9.9
10
10.1
k
Ω
Commercial
0
85
°C
Extended
Temperature
Tc
Operating case temperature range
(A216 and
-40
100
°C
A135 devices)
Transition time, 10% - 90%, All Inputs
0.25P
Transition Time
tt
(unless otherwise specified in the
ns
or 10(5)
electrical data sections)
(1)
Oscillator ground must be kept separate from other grounds and connected directly to the crystal load capacitor ground (see
Section 5.5.1 ).
(2)
These I/O specifications apply to regular 3.3 V I/Os and do not apply to DDR2/mDDR, USB I/Os. DDR2/mDDR I/Os are 1.8 V I/Os and
adhere to JESD79-2A standard, USB I/Os adhere to USB2.0 spec.
(3)
See Section 5.9.2.4 . Also, resistors should be E-96 spec line (3 digits with 1% accuracy).
(4)
Connect USB_R1 to VSS_USB_REF via 10K ohm, 1% resistor placed as close to the device as possible.
(5)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
100
Device Operating Conditions
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com