Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments TMS320DM355 Datasheet HTML 10Page - Texas Instruments TMS320DM355 Datasheet HTML 11Page - Texas Instruments TMS320DM355 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the DMSoC. The table shows significant features of the device,
including the peripherals, capacity of on-chip RAM, ARM operating frequency, the package type with pin
count, etc.
Table 2-1. Characteristics of the Processor
HARDWARE FEATURES
DM355
DDR2 / mDDR Memory Controller
DDR2 / mDDR (16-bit bus width)
Asynchronous (8/16-bit bus width)
Asynchronous EMIF (AEMIF)
RAM, Flash (NAND, OneNAND)
Two MMC/SD
Flash Card Interfaces
One SmartMedia/xD
64 independent DMA channels
EDMA
Eight EDMA channels
Three 64-Bit General Purpose (each
configurable as two separate 32-bit
Timers
timers)
Peripherals
One 64-Bit Watch Dog
Not all peripherals pins are
Three (one with RTS and CTS flow
available at the same time
UART
control)
(For more detail, see the
Device Configuration
Three (each supports two slave
SPI
section).
devices)
I2C
One (Master/Slave)
Audio Serial Port [ASP]
Two ASP
General-Purpose Input/Output Port
Up to 104
Pulse width modulator (PWM)
Four outputs
One Input (VPFE)
Configurable Video Ports
One Output (VPBE)
High, Full Speed Device
USB 2.0
High, Full, Low Speed Host
ARM
On-Chip CPU Memory
Organization
16-KB I-cache, 8-KB D-cache,
32-KB RAM, 8-KB ROM
JTAG BSDL_ID
JTAGID register (address location: 0x01C4 0028)
0x0B73B01F
CPU Frequency (Maximum)
MHz
ARM 135, 216 (1), and 270 MHz
Core (V)
1.3 V
Voltage
I/O (V)
3.3 V, 1.8 V
Reference frequency options
24 MHz (typical), 36 MHz
PLL Options
Configurable PLL controller
PLL bypass, programmable PLL
BGA Package
13 x 13 mm
337-Pin BGA (ZCE)
Process Technology
90 nm
Product Preview (PP),
Product Status(2)
Advance Information (AI),
PD
or Production Data (PD)
(1)
Extended temperature supported for A216 and A135 devices.
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
8
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com