| Electronic Components Datasheet Search |
|
TMS320DM355 Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355 Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 163 page ![]() TMS320DM355 www.ti.com SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 3 Detailed Device Description This section provides a detailed overview of the DM355 device. 3.1 ARM Subsystem Overview The ARM Subsystem contains components required to provide the ARM926EJ-S (ARM) master control of the overall DM355 system, including the components of the ARM Subsystem, the peripherals, and the external memories. The ARM is responsible for handling system functions such as system-level initialization, configuration, user interface, user command execution, connectivity functions, interface and control of the subsystem, etc. The ARM is master and performs these functions because it has a large program memory space and fast context switching capability, and is thus suitable for complex, multi-tasking, and general-purpose control tasks. 3.1.1 Components of the ARM Subsystem The ARM Subsystem in DM355 consists of the following components: • ARM926EJ-S RISC processor, including: – coprocessor 15 (CP15) – MMU – 16KB Instruction cache – 8KB Data cache – Write Buffer – Java accelerator • ARM Internal Memories – 32KB Internal RAM (32-bit wide access) – 8KB Internal ROM (ARM bootloader for non-AEMIF boot options) • Embedded Trace Module and Embedded Trace Buffer (ETM/ETB) • System Control Peripherals – ARM Interrupt Controller – PLL Controller – Power and Sleep Controller – System Control Module The ARM also manages/controls all the device peripherals: • DDR2 / mDDR EMIF Controller • AEMIF Controller, including the OneNAND and NAND flash interface • Enhanced DMA (EDMA) • UART • Timers • Real Time Out (RTO) • Pulse Width Modulator (PWM) • Inter-IC Communication (I2C) • Multi-Media Card/Secure Digital (MMC/SD) • Audio Serial Port (ASP) • Universal Serial Bus Controller (USB) • Serial Port Interface (SPI) • Video Processing Front End (VPFE) – CCD Controller (CCDC) Copyright © 2007–2010, Texas Instruments Incorporated Detailed Device Description 61 Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |