Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 100Page - Texas Instruments TMS320DM355 Datasheet HTML 101Page - Texas Instruments TMS320DM355 Datasheet HTML 102Page - Texas Instruments TMS320DM355 Datasheet HTML 103Page - Texas Instruments TMS320DM355 Datasheet HTML 104Page - Texas Instruments TMS320DM355 Datasheet HTML 105Page - Texas Instruments TMS320DM355 Datasheet HTML 106Page - Texas Instruments TMS320DM355 Datasheet HTML 107Page - Texas Instruments TMS320DM355 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
5.3.1
Power-Supply Sequencing
In order to ensure device reliability, the DM355 requires the following power supply power-on and
power-off sequences. See table Table 5-1 for a description of DM355 power supplies.
Power-On:
1. Power on 1.3 V: CVDD, VDDA_PLL1/2, VDDD13_USB, VDDA13_USB
2. Power on 1.8 V: VDD_DDR, VDDA18_DAC
3. Power on 3.3 V: DVDD, VDDA33_DDRDLL, VDDA33_USB, VDDA33_USB_PLL, VDD_VIN, VDD_VOUT
You may power-on the 1.8 V and 3.3 V power supplies simultaneously.
Power-Off:
1. Power off 3.3 V: DVDD, VDDA33_DDRDLL, VDDA33_USB, VDDA33_USB_PLL, VDD_VIN, VDD_VOUT
2. Power off 1.8 V: VDD_DDR, VDDA18_DAC
3. Power off 1.3 V: CVDD, VDDA_PLL1/2, VDDD13_USB, VDDA13_USB
You may power-off the 1.8 V and 3.3 V power supplies simultaneously.
Power-off the 1.8v/3.3V supply before or within 10usec of power-off of the 1.3 V supply.
Note that when booting the DM355 from OneNAND, you must ensure that the OneNAND device is ready
with valid program instructions before the DM355 attempts to read program instructions from it. In
particular, before you release DM355 reset, you must allow time for OneNAND device power to stabilize
and for the OneNAND device to complete its internal copy routine. During the internal copy routine, the
OneNAND device copies boot code from its internal non-volatile memory to its internal boot memory
section. Board designers typically achieve this requirement by design of the system power and reset
supervisor circuit. Refer to your OneNAND device datasheet for OneNAND power ramp and stabilization
times and for OneNAND boot copy times.
5.3.1.1
Power-Supply Design Considerations
Core and I/O supply voltage regulators should be located close to the DM355 to minimize inductance and
resistance in the power delivery path. Additionally, when designing for high-performance applications
utilizing the DM355 device, the PC board should include separate power planes for core, I/O, and ground,
all bypassed with high-quality low-ESL/ESR capacitors.
5.3.1.2
Power-Supply Decoupling
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to DM355. These caps need to be close to the DM355 power pins, no more than 1.25 cm
maximum distance to be effective. Physically smaller caps, such as 0402, are better because of their
lower parasitic inductance. Proper capacitance values are also important. Small bypass caps (near 560
pF) should be closest to the power pins. Medium bypass caps (220 nF or as large as can be obtained in a
small package) should be next closest. TI recommends no less than 8 small and 8 medium caps per
supply be placed immediately next to the BGA vias, using the "interior" BGA space and at least the
corners of the "exterior".
Larger caps for each supply can be placed further away for bulk decoupling. Large bulk caps (on the order
of 100 mF) should be furthest away, but still as close as possible. Large caps for each supply should be
placed outside of the BGA footprint.
Any cap selection needs to be evaluated from a yield/manufacturing point-of-view. As with the selection of
any component, verification of capacitor availability over the product’s production lifetime should be
considered. See also Section 5.5.1 and Section 5.5.2 for additional recommendations on power supplies
for the oscillator/PLL supplies.
104
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com