Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 103Page - Texas Instruments TMS320DM355 Datasheet HTML 104Page - Texas Instruments TMS320DM355 Datasheet HTML 105Page - Texas Instruments TMS320DM355 Datasheet HTML 106Page - Texas Instruments TMS320DM355 Datasheet HTML 107Page - Texas Instruments TMS320DM355 Datasheet HTML 108Page - Texas Instruments TMS320DM355 Datasheet HTML 109Page - Texas Instruments TMS320DM355 Datasheet HTML 110Page - Texas Instruments TMS320DM355 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 163 page
background image
Crystal
27MHz
C1
C2
MXI2
MXO2
VSS_MX2
L1
VDDA_PLL2
VSSA_PLL2
0.1 F
1 F
C
L
C
1C2
(C
1
C
2)
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 5-3. Switching Characteristics Over Recommended Operating Conditions for 24-MHz System
Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Oscillation frequency
24 or 36
MHz
ESR
60
Ω
Frequency stability
+/-50
ppm
5.5.2
MXI2 (27-MHz) Oscillator (optional oscillator)
The MXI2 (27 MHz) oscillator provides an optional reference clock for the DM355's VPSS module. The
on-chip oscillator requires an external 27-MHz crystal connected across the MXI2 and MXO2 pins, along
with two load capacitors, as shown in Figure 5-6. The external crystal load capacitors must be connected
only to the 27-MHz oscillator ground pin (VSS_MX2). Do not connect to board ground (VSS). Also, the PLL
power pin (VDDA_PLL2) should be connected to the power supply through a ferrite bead, L1 in the example
circuit shown in Figure 5-6.
Figure 5-6. MXI2 (27-MHz) System Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (MXI and MXO) and to the VSS_MX2 pin.
Table 5-4. Switching Characteristics Over Recommended Operating Conditions for 27-MHz System
Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
4
ms
Oscillation frequency
27
MHz
ESR
60
Ω
Frequency stability
+/-50
ppm
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
107
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com