Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 139 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 135Page - Texas Instruments TMS320DM355 Datasheet HTML 136Page - Texas Instruments TMS320DM355 Datasheet HTML 137Page - Texas Instruments TMS320DM355 Datasheet HTML 138Page - Texas Instruments TMS320DM355 Datasheet HTML 139Page - Texas Instruments TMS320DM355 Datasheet HTML 140Page - Texas Instruments TMS320DM355 Datasheet HTML 141Page - Texas Instruments TMS320DM355 Datasheet HTML 142Page - Texas Instruments TMS320DM355 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 163 page
background image
SPI_CLK
(ClockPolarity=0)
SPI_CLK
(ClockPolarity=1)
SPI_DI
(Input)
SPI_DO
(Output)
4
MSBIN
DATA
LSBIN
LSBOUT
MSBOUT
DATA
9
10
8
6
5
7
SPI_EN
11
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
SPI Master Mode Timings (Clock Phase = 0)
Table 5-29. Timing Requirements for SPI Master Mode [Clock Phase = 0] (1)(see Figure 5-37)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
Setup time, SPI_DI (input) valid before SPI_CLK (output)
4
tsu(DIV-CLKL)
Clock Polarity = 0
.5P + 3
ns
falling edge
Setup time, SPI_DI (in put) valid before SPI_CLK (output)
5
tsu(DIV-CLKH)
Clock Polarity = 1
.5P + 3
ns
rising edge
Hold time, SPI_DI (input) valid after SPI_CLK (output) falling
6
th(CLKL-DIV)
Clock Polarity = 0
.5P + 3
ns
edge
Hold time, SPI_DI (input) valid after SPI_CLK (output) rising
7
th(CLKH-DIV)
Clock Polarity = 1
2.5P + 3
ns
edge
(1)
P = 1/SYSCLK2 in nanoseconds (ns). For example, if the SYSCLK2 frequency is 135 MHz, use P = 7.41 ns. See Section 3.5 , Device
Clocking, for more information on the supported clock configurations of the DM355.
Table 5-30. Switching Characteristics Over Recommended Operating Conditions for SPI Master Mode
[Clock Phase = 0] (see Figure 5-37)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
Delay time, SPI_CLK (output) rising edge to SPI_DO
8
td(CLKH-DOV)
Clock Polarity = 0
-4
5
ns
(output) transition
Delay time, SPI_CLK (output) falling edge to SPI_DO
9
td(CLKL-DOV)
Clock Polarity = 1
-4
5
ns
(output) transition
Delay time, SPI_EN[1:0] (output) falling edge to first SPI_CLK (output) rising or falling
10
td(ENL-CLKH/L)
2P(1)
(1)
ns
edge
P+.5C(2
11
td(CLKH/L-ENH)
Delay time, SPI_CLK (output) rising or falling edge to SPI_EN[1:0] (output) rising edge
(2)
ns
)
(1)
The delay time can be adjusted using the SPI module register C2TDELAY. See the TMS320DM355 DMSoC Serial Peripheral Interface
(SPI) User's Guide (literature number SPRUED4).
(2)
The delay time can be adjusted using the SPI module register T2CDELAY. See the TMS320DM355 DMSoC Serial Peripheral Interface
(SPI) User's Guide (literature number SPRUED4).
Figure 5-37. SPI Master Mode External Timing (Clock Phase = 0)
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
139
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com