Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 146Page - Texas Instruments TMS320DM355 Datasheet HTML 147Page - Texas Instruments TMS320DM355 Datasheet HTML 148Page - Texas Instruments TMS320DM355 Datasheet HTML 149Page - Texas Instruments TMS320DM355 Datasheet HTML 150Page - Texas Instruments TMS320DM355 Datasheet HTML 151Page - Texas Instruments TMS320DM355 Datasheet HTML 152Page - Texas Instruments TMS320DM355 Datasheet HTML 153Page - Texas Instruments TMS320DM355 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 163 page
background image
Bit0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit0
Bit(n-1)
(n-2)
(n-3)
(n-4)
M50
M49
M45
M46
M44
M43
CLKX
FSX
DX
DR
M52
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 5-41. ASP as SPI Timing Requirements
CLKSTP = 10b, CLKXP = 1 (see Figure 5-44)
MASTER
NO.
PARAMETER
UNIT
MIN
MAX
M49
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
11
ns
M50
th(CKXH-DRV)
Hold time, DR valid after CLKX high
0
ns
Table 5-42. ASP as SPI Switching Characteristics(1) (2)
CLKSTP = 10b, CLKXP = 1 (see Figure 5-44)
MASTER
NO.
PARAMETER
UNIT
MIN
MAX
38.5 or 2P(1)
M52
tc(CKX)
Cycle time, CLKX
ns
(3)
M43
td(CKXH-FXH)
Delay time, CLKX high to FSX high(4)
T – 1
T + 3
ns
M44
td(FXL-CKXL)
Delay time, FSX low to CLKX low(5)
H1 – 2
H1 + 2
ns
M45
td(CKXL-DXV)
Delay time, CLKX low to DX valid
–2
6
ns
Disable time, DX high impedance following last data bit from
M46
tdis(CKXH-DXHZ)
H1 – 3
H1 + 3
ns
CLKX high
(1)
P = (1/SYSCLK2), where SYSCLK2 is an output clock of PLLC1 (see Section 3.5 ) .
(2)
T = CLKX period = (1 + CLKGDV) × 2P
H1 = CLKX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) × 2P when CLKGDV is even
(3)
Use which ever value is greater.
(4)
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master ASP
(5)
FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master
clock (CLKX).
Figure 5-44. ASP as SPI: CLKSTP = 10b, CLKXP = 1
150
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com