Electronic Components Datasheet Search
  English  ▼

X  

ADV7301A Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 35Page - Analog Devices ADV7301A Datasheet HTML 36Page - Analog Devices ADV7301A Datasheet HTML 37Page - Analog Devices ADV7301A Datasheet HTML 38Page - Analog Devices ADV7301A Datasheet HTML 39Page - Analog Devices ADV7301A Datasheet HTML 40Page - Analog Devices ADV7301A Datasheet HTML 41Page - Analog Devices ADV7301A Datasheet HTML 42Page - Analog Devices ADV7301A Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
REV. A
ADV7300A/ADV7301A
–39–
FREQUENCY – MHz
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
Figure 44. Luma NTSC Notch Filter
FREQUENCY – MHz
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
Figure 45. Luma PAL Notch Filter
FREQUENCY – MHz
0
–50
–80
0
110
10
20
30
40
50
60
70
80
90
100
–10
–40
–60
–70
–20
–30
Figure 46. Luma SSAF Filter up to 108 MHz
FREQUENCY – MHz
0
02468
12
–10
–30
–50
–60
–70
–20
–40
10
Figure 47. Luma SSAF Filter up to 12 MHz
FREQUENCY – MHz
4
01234
7
2
–2
–6
–8
–12
0
–4
5
–10
6
Figure 48. Luma SSAF Filter, Programmable Responses
FREQUENCY – MHz
01234
7
5
4
2
1
–1
3
5
0
6
Figure 49. Luma SSAF Filter, Programmable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com