Electronic Components Datasheet Search
  English  ▼

X  

ADV7301A Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 24Page - Analog Devices ADV7301A Datasheet HTML 25Page - Analog Devices ADV7301A Datasheet HTML 26Page - Analog Devices ADV7301A Datasheet HTML 27Page - Analog Devices ADV7301A Datasheet HTML 28Page - Analog Devices ADV7301A Datasheet HTML 29Page - Analog Devices ADV7301A Datasheet HTML 30Page - Analog Devices ADV7301A Datasheet HTML 31Page - Analog Devices ADV7301A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
REV. A
–28–
ADV7300A/ADV7301A
Table VIII. SD Registers (continued)
Subaddress
Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
Reset
7Ch
Reset Register
Timing Reset
0
No reset of Timing
Generator in Subcarrier
Reset Mode. 44h, Bits
1 and 2 must be set to
Subcarrier Reset.
1
Reset Timing
Generator in Subcarrier
Reset Mode
Reserved
0
Zero must be written to
this bit.
Reserved0
Zero must be written to
this bit.
Reserved0
Zero must be written to
this bit.
Reserved
0
Zero must be written to
this bit.
Reserved
0
Zero must be written to
this bit.
Reserved
0
Zero must be written to
this bit.
Reserved
0
Zero must be written to
this bit.
00h
*Line 23
LINE 313
LINE 314
LINE 1
tB
HSYNC
VSYNC
tA
tC
Figure 19. Timing Register 1 in PAL Mode
Table IX. Macrovision Registers
*
Subaddress Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
Reset
7Dh
Reserved
7Eh
Reserved
7Fh
Reserved
80h
Macrovision
MV Control Bits
XXXXXXXXMV 3a [7:0]
00h
81h
Macrovision
MV Control Bits
XXXXXXXXMV 3b [15:8]
00h
82h
Macrovision
MV Control Bits
XXXXXXXXMV 3c [23:16]
00h
83h
Macrovision
MV Control Bits
XXXXXXXXMV 3d [31:24]
00h
84h
Macrovision
MV Control Bits
XXXXXXXXMV 3e [39:32]
00h
85h
Macrovision
MV Control Bits
XXXXXXXXMV 3f [47:40]
00h
86h
Macrovision
MV Control Bits
XXXXXXXXMV 40 [55:48]
00h
87h
Macrovision
MV Control Bits
XXXXXXXXMV 41 [63:56]
00h
88h
Macrovision
MV Control Bits
XXXXXXXXMV 42 [71:64]
00h
89h
Macrovision
MV Control Bits
XXXXXXXXMV 43 [79:72]
00h
8Ah
Macrovision
MV Control Bits
XXXXXXXXMV 44 [87:80]
00h
8Bh
Macrovision
MV Control Bits
XXXXXXXXMV 45 [95:88]
00h
8Ch
Macrovision
MV Control Bits
XXXXXXXXMV 46 [103:96]
00h
8Dh
Macrovision
MV Control Bits
XXXXXXXXMV 47 [111:104]
00h
8Eh
Macrovision
MV Control Bits
XXXXXXXXMV 48 [119:112]
00h
8Fh
Macrovision
MV Control Bits
XXXXXXXXMV 49 [127:120]
00h
90h
Macrovision
MV Control Bits
XXXXXXXXMV 4A [135:128]
00h
X
MV 4B [136]
0000000
Zero must be written
to these bits.
MV Control Bit
Macrovision
91h
00h
*Macrovision Registers are only available on the ADV7300A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com