Electronic Components Datasheet Search
  English  ▼

X  

ADV7301A Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 30Page - Analog Devices ADV7301A Datasheet HTML 31Page - Analog Devices ADV7301A Datasheet HTML 32Page - Analog Devices ADV7301A Datasheet HTML 33Page - Analog Devices ADV7301A Datasheet HTML 34Page - Analog Devices ADV7301A Datasheet HTML 35Page - Analog Devices ADV7301A Datasheet HTML 36Page - Analog Devices ADV7301A Datasheet HTML 37Page - Analog Devices ADV7301A Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
REV. A
–34–
ADV7300A/ADV7301A
Table XIV. Truth Table
P_HSYNC
P_VSYNC1
P_BLANK
1
Reference
2
1
→ 0
0
0 or 1
50% point of falling edge of tri-level horizontal sync signal
a
00
→ 1
0 or 1
25% point of rising edge of tri-level horizontal sync signal
b
0
→ 1
0 or 1
0
50% point of falling edge of tri-level horizontal sync signal
c
10 or 1
0
→ 1
50% start of active video
d
10 or 1
1
→ 0
50% end of active video
e
NOTES
For standards that do not require a tri-sync level, P_BLANK must be tied low at all times.
1When Async Timing Mode is enabled, P_BLANK, Pin 25 becomes an active high input. P_BLANK is set to active low at Address 10h, Bit 6.
2See Figure 28.
LCC1
GLL
P19–P10
ADV7185
VIDEO
DECODER
COMPOSITE
VIDEO1
CLKIN_A
RTC_SCR_TR
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
S9–S0
RTC
LOW
H/L TRANSITION
COUNT START
128
TIME SLOT 01
13
0
14 BITS
RESERVED
14
21
19
FSC PLL INCREMENT2
VALID
SAMPLE
INVALID
SAMPLE
8/LINE
LOCKED
CLOCK
6768
4 BITS
RESERVED
0
SEQUENCE
BIT3
RESET
BIT4
RESERVED
5 BITS
RESERVED
ADV7300A/
ADV7301A
NOTES
1i.e., VCR OR CABLE
2F
SC PLL INCREMENT IS 22 BITS LONG. VALUE LOADED INTO ADV7300A/ADV7301A FSC DDS REGISTER IS FSC PLL INCREMENTS BITS 21:0
PLUS BITS 0:9 OF SUBCARRIER FREQUENCY REGISTERS. ALL ZEROS SHOULD BE WRITTEN TO THE SUBCARRIER FREQUENCY REGISTERS
OF THE ADV7300A/ADV7301A.
3PAL: 0 = LINE NORMAL, 1 = LINE INVERTED; NTSC: 0 = NO CHANGE
4RESET ADV7300A/ADV7301A DDS
NOT USED
Figure 29. RTC Timing and Connections
SD VCR FF/RW Sync
[Subaddress 42h, Bit 5]
In DVD record applications where the encoder is used with a
decoder, the VCR FF/RW Sync Control Bit can be used for
nonstandard input video, i.e., in Fast Forward or Rewind Modes.
In Fast Forward Mode, the sync information for the start of a
new field in the incoming video usually occurs before the total
number of lines/fields are reached; in Rewind Mode, this sync
signal occurs usually after the total number of lines/fields are
reached. Conventionally, this means that the output video will
have an erroneous start of new field signals, one generated by the
incoming video and one when the internal lines/field counters
reach the end of a field. When VCR FF/RW sync control is en-
abled [Subaddress 42h, Bit 5], the lines/field counters are
updated according to the incoming VSYNC signal, and the ana-
log output matches the incoming VSYNC signal.
This control is available in all slave timing modes except Slave
Mode 0.
RESET SEQUENCE
A reset is activated with a high-to-low transition on the
RESET
pin (Pin 33) according to the timing specifications. The
ADV7300A/ADV7301A will revert to the default output con-
figuration. Figure 30 illustrates the
RESET sequence timing.
RESET
DIGITAL TIMING
OFF
DIGITAL TIMING SIGNALS SUPPRESSED
VALID VIDEO
TIMING ACTIVE
DACs
PIXEL DATA
VALID
Figure 30.
RESET Timing Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com