Electronic Components Datasheet Search
  English  ▼

X  

ADV7301A Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 20Page - Analog Devices ADV7301A Datasheet HTML 21Page - Analog Devices ADV7301A Datasheet HTML 22Page - Analog Devices ADV7301A Datasheet HTML 23Page - Analog Devices ADV7301A Datasheet HTML 24Page - Analog Devices ADV7301A Datasheet HTML 25Page - Analog Devices ADV7301A Datasheet HTML 26Page - Analog Devices ADV7301A Datasheet HTML 27Page - Analog Devices ADV7301A Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
REV. A
–24–
ADV7300A/ADV7301A
Table VII. SD Mode Registers (continued)
Subaddress Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
Reset
Reserved
0
Zero must be written
to this bit.
Reserved
0
Zero must be written
to this bit.
00h
0
Disabled
1
Enabled
00
8-Bit Input
01
16-Bit Input
10
10-Bit Input
11
20-Bit Input
0
Disabled
1
Enabled
0
Disabled
1
Enabled
0
Gamma Curve A
1
Gamma Curve B
00
Disabled
01
–11 IRE
10
–6 IRE
11
–1.5 IRE
0
Disabled
1
Enabled
0
Disabled
1
Enabled
00
Disabled
01
4 Clock Cycles
10
8 Clock Cycles
11
Reserved
Reserved
0
Zero must be written
to this bit.
Reserved
0
Zero must be written
to this bit.
SD Double Buffering
SD Mode Register 5
48h
SD Gamma Control
SD Gamma Curve
SD Digital Noise
Reduction
SD Input Format
00h
49h
SD Mode Register 6
SD Undershoot Limiter
SD Black Burst Output on
DAC Y
SD Chroma Delay
SD Black Burst Output on
DAC Luma
*For more detail, see Input and Output Configuration section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com