Electronic Components Datasheet Search
  English  ▼

X  

ARR02NBC Datasheet(PDF) 5 Page - Analog Devices

Part # ARR02NBC
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ARR02NBC Datasheet(HTML) 5 Page - Analog Devices

  ARR02NBC Datasheet HTML 1Page - Analog Devices ARR02NBC Datasheet HTML 2Page - Analog Devices ARR02NBC Datasheet HTML 3Page - Analog Devices ARR02NBC Datasheet HTML 4Page - Analog Devices ARR02NBC Datasheet HTML 5Page - Analog Devices ARR02NBC Datasheet HTML 6Page - Analog Devices ARR02NBC Datasheet HTML 7Page - Analog Devices ARR02NBC Datasheet HTML 8Page - Analog Devices ARR02NBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 5 of 20
ADR03 ELECTRICAL CHARACTERISTICS
VIN = 4.5 V to 40 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
A and C grades
2.495
2.500
2.505
V
5
mV
Initial Accuracy
VOERR
A and C grades
0.2
%
Output Voltage
VO
B grades
2.4975
2.5000
2.5025
V
2.5
mV
Initial Accuracy
VOERR
B grades
0.1
%
A grade, SOIC-8, –40°C < TA < +125°C
3
10
ppm/°C
A grade, TSOT-5, –40°C < TA < +125°C
25
ppm/°C
A grade, SC70-5, –40°C < TA < +125°C
A grade, SC70-5, –55°C < TA < +125°C
25
30
ppm/°C
ppm/°C
B grade, SOIC-8, –40°C < TA < +125°C
1
3
ppm/°C
B grade, TSOT-5, –40°C < TA < +125°C
9
ppm/°C
Temperature Coefficient
TCVO
B grade, SC70-5, –40°C < TA < +125°C
9
ppm/°C
C grade, SOIC-8, –40°C < TA < +125°C
10
40
ppm/°C
Supply Voltage Headroom
VIN – VO
2
V
Line Regulation
∆VO/∆VIN
VIN = 7.5 V to 40 V, –40°C < TA < +125°C
VIN = 7.5 V to 40 V, –55°C < TA < +125°C
7
7
30
40
ppm/V
ppm/V
Load Regulation
∆VO/∆ILOAD
ILOAD = 0 mA to 10 mA, –40°C < TA < +125°C,
VIN = 7.0 V
ILOAD = 0 mA to 10 mA, –55°C < TA < +125°C,
VIN = 7.0 V
25
45
70
80
ppm/mA
ppm/mA
Quiescent Current
IIN
No load, –40°C < TA < +125°C
0.65
1
mA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
6
µV p-p
Voltage Noise Density
eN
1 kHz
230
nV/√Hz
Turn-On Settling Time
tR
4
µs
Long-Term Stability1
∆VO
1,000 hours
50
ppm
Output Voltage Hysteresis
∆VO_HYS
–55°C < TA < +125°C
70
80
ppm
ppm
Ripple Rejection Ratio
RRR
fIN = 10 kHz
–75
dB
Short Circuit to GND
ISC
30
mA
Voltage Output at TEMP Pin
VTEMP
550
mV
Temperature Sensitivity
TCVTEMP
1.96
mV/°C
1 The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com