Electronic Components Datasheet Search
  English  ▼

X  

ARR02NBC Datasheet(PDF) 15 Page - Analog Devices

Part # ARR02NBC
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ARR02NBC Datasheet(HTML) 15 Page - Analog Devices

Back Button ARR02NBC Datasheet HTML 11Page - Analog Devices ARR02NBC Datasheet HTML 12Page - Analog Devices ARR02NBC Datasheet HTML 13Page - Analog Devices ARR02NBC Datasheet HTML 14Page - Analog Devices ARR02NBC Datasheet HTML 15Page - Analog Devices ARR02NBC Datasheet HTML 16Page - Analog Devices ARR02NBC Datasheet HTML 17Page - Analog Devices ARR02NBC Datasheet HTML 18Page - Analog Devices ARR02NBC Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 15 of 20
APPLICATIONS
The ADR01/ADR02/ADR03/ADR06 are high precision, low
drift 10 V, 5 V, 2.5 V, and 3.0 V voltage references available in an
ultracompact footprint. The SOIC-8 version of the devices is a
drop-in replacement of the REF01/REF02/ REF03 sockets with
improved cost and performance.
These devices are standard band gap references. The band gap
cell contains two NPN transistors (Q18 and Q19) that differ in
emitter area by 2×. The difference in their VBE produces a
proportional-to-absolute temperature current (PTAT) in R14,
and, when combined with the VBE of Q19, produces a band gap
voltage, VBG, that is almost constant in temperature. With an
internal op amp and the feedback network of R5 and R6, VO is set
precisely at 10 V, 5 V, 2.5 V, and 3.0 V for the ADR01, ADR02,
ADR06, and ADR03, respectively. Precision laser trimming of
the resistors and other proprietary circuit techniques are used to
further enhance the initial accuracy, temperature curvature, and
drift performance of the ADR01/ADR02/ADR03/ADR06.
R1
R2
R3
R4
VIN
Q23
Q1
Q2
Q7
Q8
Q9
Q3
Q10
D1
D2
Q4
VO
D3
C1
R13
Q12
Q13
R5
I1
R12
Q14 Q15
2X
1X
VBG
R20
TRIM
Q18
TEMP
R27
Q19
Q16
Q17
Q20
R6
R42
R41
R24
R32
R11
R17
R14
GND
Figure 34. Simplified Schematic Diagram
The PTAT voltage is made available at the TEMP pin of the
ADR01/ADR02/ADR03/ADR06. It has a stable 1.96 mV/°C
temperature coefficient, such that users can estimate the
temperature change of the device by knowing the voltage
change at the TEMP pin.
APPLYING THE ADR01/ADR02/ADR03/ADR06
The devices can be used without any external components to
achieve the specified performance. Because of the internal op
amp amplifying the band gap cell to 10 V/5 V/2.5 V/3.0 V,
power supply decoupling helps the transient response of the
ADR01/ADR02/ADR03/ADR06. As a result, a 0.1 µF ceramic
type decoupling capacitor should be applied as close as possible
to the input and output pins of the device. An optional 1 µF to
10 µF bypass capacitor can also be applied at the VIN node to
maintain the input under transient disturbance.
U1
ADR01/
ADR02/
ADR03/
ADR06
VO
C2
0.1
µF
C1
0.1
µF
VIN
VIN
VOUT
TEMP TRIM
GND
Figure 35. Basic Configuration
Output Adjustment
The ADR01/ADR02/ADR03/ADR06 trim terminal can be used
to adjust the output voltage over a nominal voltage. This feature
allows a system designer to trim system errors by setting the
reference to a voltage other than 10 V/5 V/2.5 V/3.0 V. For finer
adjustment, a series resistor of 470 kΩ can be added. With the
configuration shown in Figure 36, the ADR01 can be adjusted
from 9.70 V to 10.05 V, the ADR02 can be adjusted from 4.95 V
to 5.02 V, the ADR06 can be adjusted from 2.8 V to 3.3 V, and
the ADR03 can be adjusted from 2.3 V to 2.8 V. Adjustment of
the output does not significantly affect the temperature per-
formance of the device, provided the temperature coefficients of
the resistors are relatively low.
U1
ADR01/
ADR02/
ADR03/
ADR06
VIN
VOUT
TEMP TRIM
GND
VIN
VO
pot
10k
Ω
R2
1k
Ω
R1
470k
Ω
Figure 36. Optional Trim Adjustment
Temperature Monitoring
As described previously, the ADR01/ADR02/ADR03/ADR06
provide a TEMP output (Pin 3) that varies linearly with tem-
perature. This output can be used to monitor the temperature
change in the system. The voltage at VTEMP is approximately
550 mV at 25°C, and the temperature coefficient is approximately
1.96 mV/°C (see Figure 37). A voltage change of 39.2 mV at the
TEMP pin corresponds to a 20°C change in temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com