Electronic Components Datasheet Search
  English  ▼

X  

ARR02NBC Datasheet(PDF) 17 Page - Analog Devices

Part # ARR02NBC
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ARR02NBC Datasheet(HTML) 17 Page - Analog Devices

Back Button ARR02NBC Datasheet HTML 12Page - Analog Devices ARR02NBC Datasheet HTML 13Page - Analog Devices ARR02NBC Datasheet HTML 14Page - Analog Devices ARR02NBC Datasheet HTML 15Page - Analog Devices ARR02NBC Datasheet HTML 16Page - Analog Devices ARR02NBC Datasheet HTML 17Page - Analog Devices ARR02NBC Datasheet HTML 18Page - Analog Devices ARR02NBC Datasheet HTML 19Page - Analog Devices ARR02NBC Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 17 of 20
To optimize the resolution of this circuit, dual-supply op amps
should be used because the ground potential of ADR02 can
swing from –5 V at zero scale to VL at full scale of the potenti-
ometer setting.
PROGRAMMABLE 4 TO 20 mA CURRENT
TRANSMITTER
Because of their precision, adequate current handling, and small
footprint, the devices are suitable as the reference sources for
many high performance converter circuits. One of these
applications is the multichannel 16-bit 4 to 20 mA current
transmitter in the industrial control market (see Figure 42). This
circuit employs a Howland current pump at the output, which
yields better efficiency, a lower component count, and a higher
voltage compliance than the conventional design with op amps
and MOSFETs. In this circuit, if the resistors are matched such
that R1 = R1′, R2 = R2′, R3 = R3′, the load current is
N
REF
L
D
V
R
R
)
R
(R
I
2
3
1
3
2
×
×
′
+
=
(2)
where D is similarly the decimal equivalent of the DAC input
code and N is the number of bits of the DAC.
According to Equation 2, R3′ can be used to set the sensitivity.
R3′ can be made as small as necessary to achieve the current
needed within U4 output current driving capability. On the
other hand, other resistors can be kept high to conserve power.
U1
15V
VIN
VOUT
GND
TEMP TRIM
U1 = ADR01/ADR02/ADR03/ADR06, REF01
U2 = AD5543/AD5544/AD5554
U3, U4 = AD8512
U2
5V
10V
+15V
–15V
VDD
VREF
GND
RF
IO
IO
AD5544
DIGITAL INPUT
CODE 20%–100% FULL SCALE
U3
VX
0V TO –10V
R1
150k
Ω
R2
15k
Ω
U4
C1
10pF
VP
R3
50
Ω
AD8512
R3'
50
Ω
VL
R1'
150k
Ω
LOAD
500
Ω
4–20mA
VN
VO
R2'
15k
Ω
Figure 42. Programmable 4 to 20 mA Transmitter
In this circuit, the AD8512 is capable of delivering 20 mA of
current, and the voltage compliance approaches 15 V.
The Howland current pump yields a potentially infinite output
impedance, which is highly desirable, but resistance matching is
critical in this application. The output impedance can be deter-
mined using Equation 3. As can be seen by this equation, if the
resistors are perfectly matched, ZO is infinite. On the other hand,
if they are not matched, ZO is either positive or negative. If the
latter is true, oscillation may occur. For this reason, a capacitor, C1,
in the range of 1 pF to 10 pF should be connected between VP
and the output terminal of U4, to filter any oscillation.
⎟
⎠
⎞
⎜
⎝
⎛
−
′
′
′
=
=
1
R1R2
R2
R1
R1
I
V
Z
t
t
O
(3)
In this circuit, an ADR01 provides the stable 10.000 V reference
for the AD5544 quad 16-bit DAC. The resolution of the adjust-
able current is 0.3 µA/step, and the total worst-case INL error is
merely 4 LSB. Such error is equivalent to 1.2 µA or a 0.006%
system error, which is well below most systems’ requirements.
The result is shown in Figure 43 with measurement taken at 25°C
and 70°C; total system error of 4 LSB at both 25°C and 70°C.
5
–1
0
65536
8192
16384
24576
32768
40960
49152
57344
4
3
2
1
0
CODE (Decimal)
RL = 500Ω
IL = 0mA TO 20mA
25
oC
70
oC
Figure 43. Result of Programmable 4 to 20 mA Current Transmitter
Precision Boosted Output Regulator
A precision voltage output with boosted current capability can
be realized with the circuit shown in Figure 44. In this circuit,
U2 forces VO to be equal to VREF by regulating the turn-on of
N1, thereby making the load current furnished by VIN. In this
configuration, a 50 mA load is achievable at VIN of 15 V. Moderate
heat is generated on the MOSFET, and higher current can be
achieved with a replacement of a larger device. In addition, for a
heavy capacitive load with a fast edging input signal, a buffer
should be added at the output to enhance the transient response.
U2
15V
N1
200
Ω
U1
ADR01/
ADR02/
ADR03/
ADR06
VIN
VOUT
TEMP TRIM
GND
V–
V+
OP1177
2N7002
VIN
VO
RL
1
µF
CL
Figure 44. Precision Boosted Output Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com