Electronic Components Datasheet Search
  English  ▼

X  

ARR02NBC Datasheet(PDF) 12 Page - Analog Devices

Part # ARR02NBC
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ARR02NBC Datasheet(HTML) 12 Page - Analog Devices

Back Button ARR02NBC Datasheet HTML 8Page - Analog Devices ARR02NBC Datasheet HTML 9Page - Analog Devices ARR02NBC Datasheet HTML 10Page - Analog Devices ARR02NBC Datasheet HTML 11Page - Analog Devices ARR02NBC Datasheet HTML 12Page - Analog Devices ARR02NBC Datasheet HTML 13Page - Analog Devices ARR02NBC Datasheet HTML 14Page - Analog Devices ARR02NBC Datasheet HTML 15Page - Analog Devices ARR02NBC Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 12 of 20
0
–4
2
–2
–6
–8
TEMPERATURE (
oC)
–10
–40
–25
–10
520
35
50
65
80
95
110
125
VIN = 14V TO 40V
Figure 16. ADR01 Line Regulation vs. Temperature
4
–4
8
0
–8
TEMPERATURE (
oC)
VIN = 8V TO 40V
–40
–25
–10
520
35
50
65
80
95
110
125
Figure 17. ADR02 Line Regulation vs. Temperature
–4
–2
0
2
4
TEMPERATURE (
oC)
–40
–25
–10
520
35
50
65
80
95
110
125
VIN = 5V TO 40V
Figure 18. ADR03 Line Regulation vs. Temperature
–4
–2
2
4
6
0
8
10
TEMPERATURE (
oC)
–40
–25
–10
520
35
50
65
80
95
110
125
VIN = 6V TO 40V
Figure 19. ADR06 Line Regulation vs. Temperature
3
1
5
2
0
4
46
02
LOAD CURRENT (mA)
810
–40
oC
+125
oC
+25
oC
Figure 20. ADR01 Minimum Input-Output
Voltage Differential vs. Load Current
46
8
0
2
0
4
2
+25
oC
LOAD CURRENT (mA)
810
–40
oC
+125
oC
Figure 21. ADR02 Minimum Input-Output
Voltage Differential vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com