Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 191 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 191 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 187Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 188Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 189Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 190Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 191Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 192Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 193Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 194Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 195Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 295 page
background image
WM8962
Rev 4.3
191
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R87 (57h)
Write
Sequencer
Control 1
7
WSEQ_AUTOS
EQ_ENA
0
Write Sequencer Auto-Sequence
Enable (controls the Class D driver
via DAC Auto-Mute function)
0 = Disabled
1 = Enabled
5
WSEQ_ENA
0
Write Sequencer Enable.
0 = Disabled
1 = Enabled
R90 (5Ah)
Write
Sequencer
Control 2
8
WSEQ_ABORT
0
Writing a 1 to this bit aborts the
current sequence and returns control
of the device back to the serial
control interface.
7
WSEQ_START
0
Writing a 1 to this bit starts the write
sequencer at the index location
selected by WSEQ_START_INDEX.
The sequence continues until it
reaches an “End of sequence” flag.
At the end of the sequence, this bit
will be reset by the Write Sequencer.
6:0
WSEQ_START_
INDEX [6:0]
000_0000
Sequence Start Index. This field
determines the memory location of
the first command in the selected
sequence. There are 127 Write
Sequencer RAM addresses:
00h = WSEQ_ADDR0 (R4096)
01h = WSEQ_ADDR1 (R4100)
02h = WSEQ_ADDR2 (R4104)
….
7Fh = WSEQ_ADDR127 (R4604)
R93 (5Dh)
Write
Sequencer
Control 3
9:3
WSEQ_CURRE
NT_INDEX [6:0]
(read only)
000_0000
Sequence Current Index. This
indicates the memory location of the
most recently accessed command in
the write sequencer memory.
Coding is the same as
WSEQ_START_INDEX.
0
WSEQ_BUSY
(read only)
0
Sequencer Busy flag (Read Only).
0 = Sequencer idle
1 = Sequencer busy
Note: it is not possible to write to
control registers via the control
interface while the Sequencer is
Busy.
Table 124 Write Sequencer Control - Initiating a Sequence
PROGRAMMING A SEQUENCE
A sequence consists of write operations to data bits (or groups of bits) within the control registers.
Each write operation is defined by a block of 4 registers, which contain 6 fields as described in this
section.
The block of 4 registers is the same for up to 128 steps held in the sequencer memory. Multiple
sequences can be held in the memory at the same time; each sequence occupies its own range within
the 128 available register blocks.
The following 6 fields are replicated 128 times -
one for each of the sequencer’s 128 steps. In the
following descriptions, the
term ‘n’ is used to denote the step number, from 0 to 127.
WSEQ_ADDRn is a 14-bit field containing the Control Register Address in which the data should be
written. Note that the Control Write Sequencer cannot be used to access the Software Reset
registers, PLL/CLKOUT control registers or the Write Sequencer registers R87, R90 and R93.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com