Electronic Components Datasheet Search
  English  ▼

X  

DP83934VF Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83934VF
Description  MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83934VF Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83934VF Datasheet HTML 35Page - National Semiconductor (TI) DP83934VF Datasheet HTML 36Page - National Semiconductor (TI) DP83934VF Datasheet HTML 37Page - National Semiconductor (TI) DP83934VF Datasheet HTML 38Page - National Semiconductor (TI) DP83934VF Datasheet HTML 39Page - National Semiconductor (TI) DP83934VF Datasheet HTML 40Page - National Semiconductor (TI) DP83934VF Datasheet HTML 41Page - National Semiconductor (TI) DP83934VF Datasheet HTML 42Page - National Semiconductor (TI) DP83934VF Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
60 SONIC-T Registers (Continued)
631 Command Register
(Continued)
Bit
Description
3
RXEN RECEIVER ENABLE
Setting this bit enables the receive buffer management engine to begin buffering data to memory Setting this bit
resets the RXDIS bit Note If this bit is set while the MAC unit is currently receiving a packet both RXEN and RXDIS
are set until the network goes inactive (ie the SONIC-T will not start buffering in the middle of a packet being
received) When both RXEN and RXDIS are set RXEN could be cleared by writing zero to it
2
RXDIS RECEIVER DISABLE
Setting this bit disables the receiver from buffering data to memory or the Receive FIFO If this bit is set during the
reception of a packet the receiver is disabled only after the packet is processed The RXEN bit is reset when the
receiver is disabled Tally counters remain active regardless of the state of this bit
Note
If this bit is set while the SONIC-T is currently receiving a packet both RXEN and RXDIS are set until the packet is fully received When both
RXEN and RXDIS are set RXDIS could be cleared by writing zero to it
1
TXP TRANSMIT PACKET(S)
Setting this bit causes the SONIC-T to transmit packets which have been set up in the Transmit Descriptor Area
(TDA) The SONIC-T loads its appropriate registers from the TDA then begins transmission The SONIC-T clears
this bit after any of the following conditions have occurred (1) transmission had completed (ie after the SONIC-T
has detected EOL e 1) (2) the Halt Transmission command (HTX) has taken effect or (3) a transmit abort condition
has occurred This condition occurs when any of the following bits in the TCR have been set EXC EXD FU or BCM
This bit must not be set if a Load CAM operation is in progress (LCAM is set) The SONIC-T will lock up if both bits
are set simultaneously
0
HTX HALT TRANSMISSION
Setting this bit halts the transmit command after the current transmission has completed TXP is reset after
transmission has halted The Current Transmit Descriptor Address (CTDA) register points to the last descriptor
transmitted The SONIC-T samples this bit after writing to the TXpktstatus field
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com