Electronic Components Datasheet Search
  English  ▼

X  

DP83934VF Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83934VF
Description  MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83934VF Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83934VF Datasheet HTML 45Page - National Semiconductor (TI) DP83934VF Datasheet HTML 46Page - National Semiconductor (TI) DP83934VF Datasheet HTML 47Page - National Semiconductor (TI) DP83934VF Datasheet HTML 48Page - National Semiconductor (TI) DP83934VF Datasheet HTML 49Page - National Semiconductor (TI) DP83934VF Datasheet HTML 50Page - National Semiconductor (TI) DP83934VF Datasheet HTML 51Page - National Semiconductor (TI) DP83934VF Datasheet HTML 52Page - National Semiconductor (TI) DP83934VF Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
60 SONIC-T Registers (Continued)
636 Interrupt Status Register
(Continued)
Bit
Description
8
TXER TRANSMIT ERROR
Indicates that a packet has been transmitted with at least one of the following errors
Byte count mismatch (BCM)
Excessive collisions (EXC)
FIFO underrun (FU)
Excessive deferral (EXD)
The TXpktstatus field reveals the cause of the error(s)
7
TC GENERAL PURPOSE TIMER COMPLETE
Indicates that the timer has rolled over from 0000 0000h to FFFF FFFFh (See Section 6312)
6
RDE RECEIVE DESCRIPTORS EXHAUSTED
Indicates that all receive packet descriptors in the RDA have been exhausted This bit is set when the SONIC-T
detects EOL e 1 (See Section 547)
5
RBE RECEIVE BUFFER EXHAUSTED
Indicates that the SONIC-T has detected the Resource Read Pointer (RRP) is equal to the Resource Write Pointer
(RWP) This bit is set after the last field is read from the resource area (See Section 547)
Note 1
This bit will be set as the SONIC-T finishes using the second to last receive buffer and reads the last RRA descriptor This gives the system
an early warning of impending no resources
Note 2
The SONIC-T will stop reception of packets when the last RBA has been used and will not continue reception until additional receive buffers
have been added (ie RWP is incremented beyond RRP) and this bit has been reset
Note 3
If additional buffers have been added resetting this bit causes the SONIC-T to read the next resource descriptor pointed to by the RRP in
the Receive Resource Area Note that resetting this bit under this condition is similar to issuing the Read RRA command (setting the RRRA bit in the
Command Register) This bit should never be reset until after the additional resources have been added to the RRA
4
RBAE RECEIVE BUFFER AREA EXCEEDED
Indicates that during reception the SONIC-T has reached the end of the Receive Buffer Area Reception is aborted
and the SONIC-T fetches the next available resource descriptors in the RRA The buffer space is not re-used and an
RDA is not set up for the truncated packet (see Section 547)
3
CRC CRC TALLY COUNTER ROLLOVER
Indicates that the tally counter has rolled over from FFFFh to 0000h (See Section 6311)
2
FAE FRAME ALIGNMENT ERROR (FAE) TALLY COUNTER ROLLOVER
Indicates that the FAE tally counter has rolled over from FFFFh to 0000h (See Section 6311)
1
MP MISSED PACKET (MP) COUNTER ROLLOVER
Indicates that the MP tally counter has rolled over from FFFFh to 0000h (See Section 6311)
0
RFO RECEIVE FIFO OVERRUN
Indicates that the SONIC-T has been unable to access the bus before the receive FIFO has filled from the network
This condition is due to excessively long bus latency andor slow bus clock Note that FIFO underruns are indicated
in the TCR (See Section 351)
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com