Electronic Components Datasheet Search
  English  ▼

X  

DP83934VF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83934VF
Description  MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83934VF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83934VF Datasheet HTML 4Page - National Semiconductor (TI) DP83934VF Datasheet HTML 5Page - National Semiconductor (TI) DP83934VF Datasheet HTML 6Page - National Semiconductor (TI) DP83934VF Datasheet HTML 7Page - National Semiconductor (TI) DP83934VF Datasheet HTML 8Page - National Semiconductor (TI) DP83934VF Datasheet HTML 9Page - National Semiconductor (TI) DP83934VF Datasheet HTML 10Page - National Semiconductor (TI) DP83934VF Datasheet HTML 11Page - National Semiconductor (TI) DP83934VF Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
20 Pin Description (Continued)
TABLE 2-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
NETWORK INTERFACE PINS
(Continued)
OSCIN
I
CRYSTAL FEEDBACK INPUT OR EXTERNAL OSCILLATOR INPUT
This signal is used to
provide clocking signals for the internal ENDEC A crystal may be connected to this pin along
with OSCOUT or an oscillator module may be used See Section 813 for more information
about using an oscillator or crystal
OSCOUT
TP
O
CRYSTAL FEEDBACK OUTPUT
This signal is used to provide clocking signals for the internal
ENDEC A crystal can be connected to this pin along with OSCIN See Section 813 for more
information about using an oscillator or crystal
BUS INTERFACE PINS (BOTH BUS MODES)
BMODE
I
BUS MODE
This input enables the SONIC-T to be compatible with standard microprocessor
buses The level of this pin affects byte ordering (little or big endian) and controls the operation
of the bus interface control signals A high level (tied to VCC) selects Motorola mode (big
endian) and a low level (tied to ground) selects NationalIntel mode (little endian) Note the
alternate pin definitions for AS ADS MRW MWR INT INT BR HOLD BG HLDA SRW SWR
DSACK0 RDYo and DSACK1RDYi (See Sections 731 734 and 735 for bus interface
information)
D31 – D0
TRI
I O Z
DATA BUS
These bidirectional lines are used to transfer data on the system bus When the
SONIC-T is a bus master 16-bit data is transferred on D15 – D0 and 32-bit data is transferred on
D31 – D0 When the SONIC-T is accessed as a slave register data is driven onto line D15 – D0
D31 – D16 are held TRI-STATE
A31 – A1
TRI
O Z
ADDRESS BUS
These signals are used by the SONIC-T to drive the DMA address after the
SONIC-T has acquired the bus Since the SONIC-T aligns data to word boundaries only 31
address lines are needed
RA5 – RA0
I
REGISTER ADDRESS BUS
These signals are used to access SONIC-T’s internal registers
When the SONIC-T is accessed the CPU drives these lines to select the desired SONIC-T
register
RESET
I
RESET
This signal is used to hardware reset the SONIC-T When asserted low the SONIC-T
transitions into the reset state after 10 transmit clocks or 10 bus clocks if the bus clock period is
greater than the transmit clock period
S2–S0
TP
O
BUS STATUS
These three signals provide a continuous status of the current SONIC-T bus
operations See Section 733 for status definitions
BSCK
I
BUS CLOCK
This clock provides the timing for the SONIC-T DMA engine
CS
I
CHIP SELECT
The system asserts this pin low to access the SONIC-T’s registers The
registers are selected by placing an address on lines RA5 – RA0
Note
Both CS and MREQ must not be asserted concurrently If these signals are successively
asserted there must be at least two bus clocks between the deasserting edge of the first signal
and the asserting edge of the second signal
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com