Electronic Components Datasheet Search
  English  ▼

X  

DP83934VF Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83934VF
Description  MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83934VF Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83934VF Datasheet HTML 17Page - National Semiconductor (TI) DP83934VF Datasheet HTML 18Page - National Semiconductor (TI) DP83934VF Datasheet HTML 19Page - National Semiconductor (TI) DP83934VF Datasheet HTML 20Page - National Semiconductor (TI) DP83934VF Datasheet HTML 21Page - National Semiconductor (TI) DP83934VF Datasheet HTML 22Page - National Semiconductor (TI) DP83934VF Datasheet HTML 23Page - National Semiconductor (TI) DP83934VF Datasheet HTML 24Page - National Semiconductor (TI) DP83934VF Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
30 Functional Description (Continued)
4 Program the Receive Control register with the desired re-
ceive filter and the loopback mode (LB1 LB0) In case of
transceiver loopback besides setting LB1 and LB0 to 1
the XWRAP bit in the DCR2 must also set to 1
5 Issue the transmit command (TXP) and enable the receiv-
er (RXEN) in the Command register
The SONIC-T completes the loopback operation after the
packet has been completely received (or rejected if there is
an address mismatch) The Transmit Control and Receive
Control registers treat the loopback packet as it would in
normal operation and indicate status accordingly Interrupts
are also generated if enabled in the Interrupt Mask register
Note
For MAC Loopback only one packet may be queued up for proper
operation This restriction occurs because the transmit MAC section
which does not generate an Interframe Gap (IFG) time between
transmitted packets does not allow the receive MAC section to up-
date receive status There are no restrictions for the other loopback
modes
39 NETWORK MANAGEMENT FUNCTIONS
The SONIC-T fully supports the Layer Management IEEE
8023 standard to allow a node to monitor the overall per-
formance of the network These statistics are available on a
per packet basis at the end of reception or transmission
In addition the SONIC-T provides three tally counters to
tabulate CRC errors Frame Alignment errors and missed
packets Table 3-1 shows the statistics indicated by the
SONIC-T
TLF11719 – 13
Note DSACK01 are used for both Bus and Slave Access Control and are bidirectional SMACK is used for both Slave access and shared memory access The
BMODE pin selects between NationalIntel or Motorola type busses
FIGURE 3-10 SONIC-T Bus Interface Signals
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com