Electronic Components Datasheet Search
  English  ▼

X  

DP8420A Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420A Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP8420A Datasheet HTML 48Page - National Semiconductor (TI) DP8420A Datasheet HTML 49Page - National Semiconductor (TI) DP8420A Datasheet HTML 50Page - National Semiconductor (TI) DP8420A Datasheet HTML 51Page - National Semiconductor (TI) DP8420A Datasheet HTML 52Page - National Semiconductor (TI) DP8420A Datasheet HTML 53Page - National Semiconductor (TI) DP8420A Datasheet HTML 54Page - National Semiconductor (TI) DP8420A Datasheet HTML 55Page - National Semiconductor (TI) DP8420A Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
130 AC Timing Parameters (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 DRAMs
per bank including trace capacitance (Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Mode 1 Access
8420A21A22A-20
8420A21A22A-25
Number
Symbol
Parameter Description
CL
CH
CL
CH
Min
Max
Min
Max
Min
Max
Min
Max
400a
tSADSCK1
ADS Asserted Setup to CLK High
15
15
13
13
400b
tSADSCKW
ADS Asserted Setup to CLK
(to Guarantee Correct WAIT
31
31
25
25
or DTACK Output Doesn’t Apply for DTACK0)
401
tSCSADS
CS Setup to ADS Asserted
6
6
5
5
402
tPADSRL
ADS Asserted to RAS Asserted
30
35
25
29
403a
tPADSCL0
ADS Asserted to CAS Asserted
86
94
75
82
(tRAH e 15 ns tASC e 0 ns)
403b
tPADSCL1
ADS Asserted to CAS Asserted
96
104
85
92
(tRAH e 15 ns tASC e 10 ns)
403c
tPADSCL2
ADS Asserted to CAS Asserted
96
104
85
92
(tRAH e 25 ns tASC e 0 ns)
403d
tPADSCL3
ADS Asserted to CAS Asserted
106
114
95
102
(tRAH e 25 ns tASC e 10 ns)
404
tSADDADS
Row Address Valid Setup to ADS
913914
Asserted to Guarantee tASR e 0ns
405
tHCKADS
ADS Negated Held from CLK High
0
0
0
0
406
tSWADS
WAITIN Asserted Setup to ADS
Asserted to Guarantee DTACK0
0
000
Is Delayed
407
tSBADAS
Bank Address Setup to ADS Asserted
11
11
11
11
408
tHASRCB
Row Column Bank Address Held from
10
10
10
10
ADS Asserted (Using On-Chip Latches)
409
tSRCBAS
Row Column Bank Address Setup to
3322
ADS Asserted (Using On-Chip Latches)
410
tWADSH
ADS Negated Pulse Width
12
16
12
17
411
tPADSD
ADS Asserted to DTACK Asserted
43
43
35
35
(Programmed as DTACK0)
412
tSWINADS
WIN Asserted Setup to ADS Asserted
(to Guarantee CAS Delayed during
b
10
b
10
b
10
b
10
Writes Accesses)
413
tPADSWL0
ADS Asserted to WAIT Asserted
35
35
29
29
(Programmed as WAIT0 Delayed Access)
414
tPADSWL1
ADS Asserted to WAIT Asserted
35
35
29
29
(Programmed WAIT 12 or 1)
415
tPCLKDL1
CLK High to DTACK Asserted
(Programmed as DTACK0
40
40
32
32
Delayed Access)
416
AREQ Negated to ADS Asserted
to Guarantee tASR e 0 ns
38423136
(Non Interleaved Mode Only)
417
tPADSCV0
ADS Asserted to Column
Address Valid
83
92
69
78
(tRAH e 15 ns tASC e 0 ns)
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com