Electronic Components Datasheet Search
  English  ▼

X  

DP8420A Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420A Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8420A Datasheet HTML 14Page - National Semiconductor (TI) DP8420A Datasheet HTML 15Page - National Semiconductor (TI) DP8420A Datasheet HTML 16Page - National Semiconductor (TI) DP8420A Datasheet HTML 17Page - National Semiconductor (TI) DP8420A Datasheet HTML 18Page - National Semiconductor (TI) DP8420A Datasheet HTML 19Page - National Semiconductor (TI) DP8420A Datasheet HTML 20Page - National Semiconductor (TI) DP8420A Datasheet HTML 21Page - National Semiconductor (TI) DP8420A Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
40 Port A Access Modes (Continued)
452 Address Pipelining
Address pipelining is the overlapping of accesses to differ-
ent banks of DRAM If the majority of successive accesses
are to a different bank the accesses can be overlapped
Because of this overlapping the cycle time of the DRAM
accesses are greatly reduced The DP8420A21A22A can
be programmed to allow a new row address to be placed on
the DRAM address bus after the column address hold time
has been met At this time a new access can be initiated
with ADS or ALE depending on the access mode while
AREQ is used to sustain the current access The DP8422A
supports address pipelining for Port A only This mode can-
not be used with page static column or nibble modes of
operations because the DRAM column address is switched
back to the row address after CAS is asserted This mode is
programmed through address bit R8 (see
Figures 11a and
11b ) In this mode the output WE always functions as
RFRQ
During address pipelining in Mode 0 shown in
Figure 11c
ALE cannot be pulsed high to start another access until
AREQ has been asserted for the previous access for at
least one period of CLK DTACK if programmed will be
negated once AREQ is negated WAIT if programmed to
insert wait states will be asserted once ALE and CS are
asserted
In Mode 1 shown in
Figure 11d ADS can be negated once
AREQ is asserted After meeting the minimum negated
pulse width for ADS ADS can again be asserted to start a
new access DTACK if programmed will be negated once
AREQ is negated WAIT if programmed will be asserted
once ADS is asserted
In either mode with either type of wait programmed the
DP8420A21A22A will still delay the access for precharge
if sequential accesses are to the same bank or if a refresh
takes place
TLF8588 – G0
FIGURE 11a Non-Address Pipelined Mode
TLF8588 – G1
FIGURE 11b Address Pipelined Mode
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com