Electronic Components Datasheet Search
  English  ▼

X  

DP8420A Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420A Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP8420A Datasheet HTML 12Page - National Semiconductor (TI) DP8420A Datasheet HTML 13Page - National Semiconductor (TI) DP8420A Datasheet HTML 14Page - National Semiconductor (TI) DP8420A Datasheet HTML 15Page - National Semiconductor (TI) DP8420A Datasheet HTML 16Page - National Semiconductor (TI) DP8420A Datasheet HTML 17Page - National Semiconductor (TI) DP8420A Datasheet HTML 18Page - National Semiconductor (TI) DP8420A Datasheet HTML 19Page - National Semiconductor (TI) DP8420A Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
40 Port A Access Modes (Continued)
44 READ-MODIFY-WRITE CYCLES WITH EITHER ACCESS MODE
There are 2 methods by which this chip can be used to do
read-modify-write access cycles The first method involves
doing a late write access where the WIN input is asserted
some delay after CAS is asserted The second method in-
volves doing a page mode read access followed by a page
mode write access with RAS held low (see
Figure 9c )
CASn must be toggled using the ECASn inputs and WIN has
to be changed from negated to asserted (read to write)
while CAS is negated This method is better than changing
WIN from negated to asserted in a late write access be-
cause here a problem may arise with DATA IN and DATA
OUT being valid at the same time This may result in a data
line trying to drive two different levels simultaneously The
page mode method of a read-modify-write access allows
the user to have transceivers in the system because the
data in (read data) is guaranteed to be high impedance dur-
ing the time the data out (write data) is valid
TLF8588 – G2
There may be idle states inserted here by the CPU
FIGURE 9c Read-Modify-Write Access Cycle
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com