Electronic Components Datasheet Search
  English  ▼

X  

DP8420A Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420A Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP8420A Datasheet HTML 19Page - National Semiconductor (TI) DP8420A Datasheet HTML 20Page - National Semiconductor (TI) DP8420A Datasheet HTML 21Page - National Semiconductor (TI) DP8420A Datasheet HTML 22Page - National Semiconductor (TI) DP8420A Datasheet HTML 23Page - National Semiconductor (TI) DP8420A Datasheet HTML 24Page - National Semiconductor (TI) DP8420A Datasheet HTML 25Page - National Semiconductor (TI) DP8420A Datasheet HTML 26Page - National Semiconductor (TI) DP8420A Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
50 Refresh Options (Continued)
513 Refresh RequestAcknowledge
The DP8420A21A22A can be programmed to output in-
ternal refresh requests When the user programs ECAS0
negated (1) andor address pipelining mode is selected the
WE output functions as RFRQ RFRQ (WE) will be asserted
by one of two events
First when the external circuitry pulses low the input RFSH
which will request an external refresh
Second when the internal refresh clock has expired which
signals that another refresh is needed
An example of the first case where an external refresh is
requested while RFRQ is negated (1) is shown in
Figure
15a Notice that RFRQ will be asserted from a positive edge
of clock
On the second case when the RFRQ is asserted from the
expiration of the internal refresh clock the user has two
options
First if DISRFSH is negated an automatic internal refresh
will take place See
Figure 15b
Second with DISRFSH asserted RFRQ will stay asserted
until RFSH is pulsed low This option will cause an external-
ly requestedburst refresh to take place See
Figure 15c
RFRQ will go high and then assert (toggle) if additional peri-
ods of the internal refresh clock have expired and neither an
externally controlled refresh nor an automatically controlled
internal refresh have taken place see
Figure 15d If a time
critical event or long accesses like pagestatic column
mode can not be interrupted RFRQ pulsing high can be
used to increment a counter This counter can be used to
perform a burst refresh of the number of refreshes missed
(through the RFSH input)
TLF8588 – 66
FIGURE 15a Externally Controlled Single and Burst Refresh with Refresh Request
(RFRQ) Output (2 Periods of RAS Low during Refresh Programmed)
TLF8588 – 67
FIGURE 15b Automatic Internal Refresh with Refresh Request (3T of RAS Low during Refresh Programmed)
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com