Electronic Components Datasheet Search
  English  ▼

X  

LM3243 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3243 Datasheet HTML 2Page - Texas Instruments LM3243 Datasheet HTML 3Page - Texas Instruments LM3243 Datasheet HTML 4Page - Texas Instruments LM3243 Datasheet HTML 5Page - Texas Instruments LM3243 Datasheet HTML 6Page - Texas Instruments LM3243 Datasheet HTML 7Page - Texas Instruments LM3243 Datasheet HTML 8Page - Texas Instruments LM3243 Datasheet HTML 9Page - Texas Instruments LM3243 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
6.6 System Characteristics
The following spec table entries are specified by design and verifications providing the component values in the Typical
System Application Diagram are used (L = 1.5 µH, DCR = 120 m
Ω, TOKO DFE201610C-1R5N, CIN = 10 µF, 6.3 V, 0402,
Samsung CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 × 1 µF + 3300 pF: 6.3 V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3 V, 0201 Samsung CL03A105MQ3CSN; 6.3 V, 01005 Murata GRM022R60J332K). These parameters
are not verified by production testing. Minimum (MIN) and maximum (MAX) values are specified over the ambient
temperature range TA = −30°C to 90°C. Typical (TYP) values are specified at PVIN = VDD = EN = 3.8 V, BP = 0 V and TA =
25°C unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCON = 1.5 V
Total dropout resistance in
Rtot_drop
Max value at VIN = 3.1 V
45
55
m
Ω
bypass mode
Inductor ESR
≤ 151 mΩ
Pin input capacitance for BP,
CIN
Test frequency = 100 KHz
5
pF
EN, MODE
Maximum load current in
IOUT
Switcher + ACB
2.5
PWM mode
Maximum output transient
IOUT, PU
3
A
pullup current limit
Switcher + ACB(1)
PWM maximum output
IOUT, PD, PWM
−3
transient pulldown current limit
Maximum output load current
VIN = 3.8 V, VCON < 1
IOUT, MAX-PFM
85
mA
in PFM mode
MODE = HIGH(1)
−3%
3%
Linearity in control range of
VIN = 4.2 V
(2)
Linearity
VCON = 0.16 V to 1.44 V
Monotonic in nature
−50
50
mV
VIN = 3.8 V, VOUT = 1.8 V
IOUT = 10 mA
79%
82%
MODE = HIGH (PFM)
VIN = 3.8 V, VOUT = 0.5 V
IOUT = 5 mA
58%
60%
MODE = HIGH (PFM)
VIN = 3.8 V, VOUT = 3.5 V
IOUT = 1900 mA
89%
92%
MODE = LOW (PWM)
η
Efficiency
VIN = 3.8 V, VOUT = 2.5 V
IOUT = 250 mA
90%
93%
MODE = LOW (PWM)
VIN = 3.8 V, VOUT = 1.6 V
IOUT = 130 mA
83%
86%
MODE = LOW (PWM)
VIN = 3.8 V, VOUT = 1 V
IOUT = 400 mA
81%
84%
MODE = LOW (PWM)
VIN = 0.4 V to 3.6 V
Ripple voltage at no pulse
VOUT = 0.4 V to 3.6 V,
1
3
skipping condition
ROUT = 1.9 Ω
(3)
MODE = LOW
Ripple voltage at pulse
VIN = 5.5 V to dropout, VOUT = 3.6 V,
8
skipping condition
ROUT = 1.9 Ω
(3)
VRIPPLE
mVpp
VIN = 3.2 V, VOUT < 1.125 V
50
IOUT =10 mA, MODE = HIGH
PFM ripple voltage
VIN = 3.2 V, VOUT ≤ 0.5 V,
IOUT = 5 mA
50
MODE = HIGH
VIN = 3.6 V to 4.2 V, TR = TF = 10 µs,
Line_tr
Line transient response
VOUT = 1 V
50
mVpk
IOUT = 600 mA, MODE = LOW
(1)
Current limit is built-in, fixed, and not adjustable.
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger.
(3)
Ripple voltage should be measured at COUT electrode on a well-designed PC board and using the suggested inductor and capacitors.
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com